Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SKAI90A2GD06-W24DI Datasheet(PDF) 3 Page - Semikron International

Part # SKAI90A2GD06-W24DI
Description  Three-phase IGBT inverter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

SKAI90A2GD06-W24DI Datasheet(HTML) 3 Page - Semikron International

  SKAI90A2GD06-W24DI Datasheet HTML 1Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 2Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 3Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 4Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 5Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 6Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 7Page - Semikron International SKAI90A2GD06-W24DI Datasheet HTML 8Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SKAI 90 A2 GD06-W24DI
© by SEMIKRON
Rev. 7 – 20.04.2011
3
Signal Connector
PIN
Signal
Function
Specifications
X1:01
PWR_VP
INPUT
Auxiliary power supply / battery “+”
Supply voltage Vs
X1:02
PWR_GND
Auxiliary power supply ground
Ground of auxiliary power supply
X1:03
DC_LINK_DISCHAR
GE
INPUT
HIGH, NOT CONNECTED (n.c.) or module
not supplied with Auxiliary power = DC Link
discharge active
LOW = DC Link discharge disabled
(internal pull-up resistor, external pull-up
resistor required as well)
X1:04
CMN_HALT
INPUT/OUTPUT
All connected units have to change the signal
mode to „dominant“ if following happens:
The unit is not ready to operate
Error happened
All connected units must be able to process
(read) the signal. In case of recognised
dominant signal, following steps need to be
performed:
The unit must be switched to a defined safe
operation mode
The unit must interrupt the main process unitl
a recessive signal has been recognised
LOW (dominant) = not ready to operate
HIGH (recessive) = ready to operate
X1:05
CMN_TEMP_GND
Ground for temperature sensor signal
CMN_TEMP
Internally connected to PWR_GND
X1:06
HB1_TOP
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:07
HB1_BOT
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:08
HB2_TOP
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:09
HB2_BOT
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:10
HB3_TOP
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:11
HB3_BOT
INPUT
Switching PWM signal [push/pull]
Digital PWR_VP logic
LOW = IGBT off
HIGH = IGBT on
X1:12
CAN_GND
GND
Ground of CAN bus


Similar Part No. - SKAI90A2GD06-W24DI

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
More results

Similar Description - SKAI90A2GD06-W24DI

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKAI90A2GD06-W12DI SEMIKRON-SKAI90A2GD06-W12DI Datasheet
493Kb / 8P
   Three-phase IGBT inverter
SKAI90A2GD06-W24CI SEMIKRON-SKAI90A2GD06-W24CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12DI SEMIKRON-SKAI45A2GD12-W12DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI45A2GD12-W24DI SEMIKRON-SKAI45A2GD12-W24DI Datasheet
484Kb / 8P
   Three-phase IGBT inverter
SKAI45A2D12-W24CI SEMIKRON-SKAI45A2D12-W24CI Datasheet
517Kb / 9P
   Three-phase IGBT inverter
SKAI45A2GD12-W12CI SEMIKRON-SKAI45A2GD12-W12CI Datasheet
518Kb / 9P
   Three-phase IGBT inverter
SKAI90A2GD06-W12CI SEMIKRON-SKAI90A2GD06-W12CI Datasheet
526Kb / 9P
   Three-phase IGBT inverter
IGD-4-424-P1F7-BL-FA SEMIKRON-IGD-4-424-P1F7-BL-FA Datasheet
495Kb / 5P
   Three phase inverter
IGD-8-424-P1F9-BH-FA SEMIKRON-IGD-8-424-P1F9-BH-FA Datasheet
531Kb / 5P
   Three phase inverter
logo
Powerex Power Semicondu...
PM100CL1B060 POWEREX-PM100CL1B060 Datasheet
611Kb / 5P
   Three Phase IGBT Inverter 100 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com