Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTFS4930NTAG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NTTFS4930NTAG
Description  Power MOSFET 30 V, 23 A, Single N?묬hannel, 8FL Notebook Battery Management
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS4930NTAG Datasheet(HTML) 5 Page - ON Semiconductor

  NTTFS4930NTAG Datasheet HTML 1Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 2Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 3Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 4Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 5Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 6Page - ON Semiconductor NTTFS4930NTAG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NTTFS4930N
http://onsemi.com
5
TYPICAL CHARACTERISTICS
0.6
0.7
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
−50
−25
0
25
50
75
100
125
150
Figure 5. On−Resistance Variation with
Temperature
TJ, JUNCTION TEMPERATURE (°C)
ID = 10 A
VGS = 10 V
10
15
20
25
30
1.0E−04
1.0E−05
1.0E−06
1.0E−07
1.0E−08
1.0E−09
1.0E−10
1.0E−11
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
TJ = 125°C
TJ = 150°C
0
200
400
600
800
0
5
10
15
20
25
30
Figure 7. Capacitance Variation
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Ciss
Coss
Crss
0
1
2
3
4
5
6
7
8
9
10
11
024
68
10
Figure 8. Gate−to−Source and
Drain−to−Source Voltage vs. Total Charge
Qg, TOTAL GATE CHARGE (nC)
TJ = 25°C
VGS = 10 V
VDD = 15 V
ID = 20 A
0
1
10
100
1000
1
10
100
Figure 9. Resistive Switching Time Variation
vs. Gate Resistance
RG, GATE RESISTANCE (W)
VGS = 10 V
VDD = 15 V
ID = 15 A
td(off)
td(on)
tf
tr
0
5
10
15
20
25
30
0.1
0.2
0.3 0.4 0.5 0.6 0.7 0.8
0.9
1.0 1.1
Figure 10. Diode Forward Voltage vs. Current
VSD, SOURCE−TO−DRAIN VOLTAGE (V)
TJ = 25°C
VGS = 0 V
Qgs
Qgd
QT


Similar Part No. - NTTFS4930NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4930NTAG ONSEMI-NTTFS4930NTAG Datasheet
126Kb / 7P
   Power MOSFET
July, 2012 ??Rev. 2
More results

Similar Description - NTTFS4930NTAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4937N ONSEMI-NTTFS4937N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4929N ONSEMI-NTTFS4929N Datasheet
153Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 8FL
May, 2011 ??Rev. 0
NTTFS4823N ONSEMI-NTTFS4823N Datasheet
138Kb / 6P
   Power MOSFET 30 V, 50 A, Single N?묬hannel, 8FL
June, 2009 ??Rev. 2
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4C05NTAG ONSEMI-NTTFS4C05NTAG Datasheet
122Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel,8FL
December, 2012 ??Rev. 1
NTTFS4932N ONSEMI-NTTFS4932N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4941N ONSEMI-NTTFS4941N Datasheet
143Kb / 7P
   Power MOSFET 30 V, 46 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4840N ONSEMI-NTTFS4840N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 26 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4943N ONSEMI-NTTFS4943N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 41 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4945N ONSEMI-NTTFS4945N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com