Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTTFS4928NTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTTFS4928NTWG
Description  Power MOSFET 30 V, 37 A, Single N?묬hannel, 8FL DC?묭C Converters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTTFS4928NTWG Datasheet(HTML) 1 Page - ON Semiconductor

  NTTFS4928NTWG Datasheet HTML 1Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 2Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 3Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 4Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 5Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 6Page - ON Semiconductor NTTFS4928NTWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2011
May, 2011 − Rev. 0
1
Publication Order Number:
NTTFS4928N/D
NTTFS4928N
Power MOSFET
30 V, 37 A, Single N−Channel, m8FL
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
DC−DC Converters
Power Load Switch
Notebook Battery Management
Motor Control
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA (Note 1)
Steady
State
TA = 25°C
ID
11.8
A
TA = 85°C
8.5
Power Dissipation RqJA
(Note 1)
TA = 25°C
PD
2.12
W
Continuous Drain
Current RqJA ≤ 10 s
(Note 1)
TA = 25°C
ID
15.9
A
TA = 85°C
11.5
Power Dissipation
RqJA ≤ 10 s (Note 1)
TA = 25°C
PD
3.86
W
Continuous Drain
Current RqJA (Note 2)
TA = 25°C
ID
7.3
A
TA = 85°C
5.2
Power Dissipation
RqJA (Note 2)
TA = 25°C
PD
0.81
W
Continuous Drain
Current RqJC (Note 1)
TC = 25°C
ID
37
A
TC = 85°C
27
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
20.8
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
160
A
Operating Junction and Storage Temperature
TJ,
Tstg
−55 to
+150
°C
Source Current (Body Diode)
IS
20
A
Drain to Source dV/dt
dV/dt
6.0
V/ns
Single Pulse Drain−to−Source Avalanche Energy
(TJ = 25°C, VDD = 50 V, VGS = 10 V,
IL = 20 Apk, L = 0.1 mH, RG = 25 W)
EAS
20
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
2. Surface−mounted on FR4 board using the minimum recommended pad size.
ORDERING INFORMATION
http://onsemi.com
Device
Package
Shipping
V(BR)DSS
RDS(on) MAX
ID MAX
30 V
9.0 mW @ 10 V
37 A
N−Channel MOSFET
D (5−8)
S (1,2,3)
G (4)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
WDFN8
(m8FL)
CASE 511AB
MARKING DIAGRAM
13.5 mW @ 4.5 V
NTTFS4928NTAG
WDFN8
(Pb−Free)
1500 / Tape &
Reel
(Note: Microdot may be in either location)
1
4928
= Specific Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
1
NTTFS4928NTWG
WDFN8
(Pb−Free)
5000 / Tape &
Reel
4928
AYWWG
G
D
D
D
D
S
S
S
G


Similar Part No. - NTTFS4928NTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4928NTWG ONSEMI-NTTFS4928NTWG Datasheet
121Kb / 7P
   Power MOSFET
April, 2012 ??Rev. 2
More results

Similar Description - NTTFS4928NTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTTFS4937N ONSEMI-NTTFS4937N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4929N ONSEMI-NTTFS4929N Datasheet
153Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 8FL
May, 2011 ??Rev. 0
NTTFS4823N ONSEMI-NTTFS4823N Datasheet
138Kb / 6P
   Power MOSFET 30 V, 50 A, Single N?묬hannel, 8FL
June, 2009 ??Rev. 2
NTTFS4939N ONSEMI-NTTFS4939N Datasheet
149Kb / 7P
   Power MOSFET 30 V, 52 A, Single N?묬hannel, 8FL
October, 2009 ??Rev. 0
NTTFS4C05NTAG ONSEMI-NTTFS4C05NTAG Datasheet
122Kb / 7P
   Power MOSFET 30 V, 75 A, Single N?묬hannel,8FL
December, 2012 ??Rev. 1
NTTFS4932N ONSEMI-NTTFS4932N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 79 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4941N ONSEMI-NTTFS4941N Datasheet
143Kb / 7P
   Power MOSFET 30 V, 46 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4840N ONSEMI-NTTFS4840N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 26 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4943N ONSEMI-NTTFS4943N Datasheet
148Kb / 7P
   Power MOSFET 30 V, 41 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 0
NTTFS4945N ONSEMI-NTTFS4945N Datasheet
141Kb / 7P
   Power MOSFET 30 V, 34 A, Single N?묬hannel, 關8FL
October, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com