Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHMB300A6A Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PCHMB300A6A
Description  300A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCHMB300A6A Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PCHMB300A6A Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCHMB300A6A Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCHMB300A6A Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
IGBT
IGBT
IGBT
IGBT ModuleChopper
300 A,600V
PCHMB300A6A
PCHMB300A6A
PCHMB300A6A
PCHMB300A6A
回 路
路 図
CIRCUIT
CIRCUIT
CIRCUIT
CIRCUIT
外 形
形 寸
寸 法
法 図
OUTLINE
OUTLINE
OUTLINE
OUTLINE DRAWING
DRAWING
DRAWING
DRAWING
Dimension:[mm]
最 大
大 定
定 格
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
RATINGS
RATINGS
RATINGS
RATINGS (T
=25℃)
重量:430g
Item
Symbol
Rated Value
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
CES
600
ゲート・エミッタ間電圧
Gate-Emitter Voltage
GES
±20
DC
C
300
コレクタ電
Collector Current
1ms
CP
600
コレクタ損
Collector Power Dissipation
C
1,040
接合温度
Junction Temperature Range
j
−40∼+150
保存温度
Storage Temperature Range
stg
−40∼+125
絶縁耐圧(Terminal to Base AC,1minute)
Isolation Voltage
iso
2,500
(RMS)
Module Base to Heatsink
締め 付けトルク
Mounting Torque
Busbar to Main Terminal
tor
PCHMB300A6
2(20.4)
PCHMB300A6C
3(30.6)
N・m
(kgf・cm)
電 気
気 的
的 特
特 性
ELECTRI
ELECTRI
ELECTRI
ELECTRICAL
CAL
CAL
CAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS (T
=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
コレクタ 遮断電 流
Collector-Emitter Cut-Off Current
CES
CE = 600V, VGE = 0V
3.0
mA
ゲー ト漏れ電流
Gate-Emitter Leakage Current
GES
GE = ±20V, VCE = 0V
1.0
µA
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
CE(sat)
C = 300A, VGE = 15V
2.1
2.6
ゲートし きい値 電圧
Gate-Emitter Threshold Voltage
GE(th)
CE = 5V, IC = 300mA
4.0
8.0
入力容量
Input Capacitance
ies
CES = 10V, VGE = 0V,f= 1MHz
30,000
pF
Rise
Time
r
0.20 0.40
ターンオン時間
Turn-on
Time
on
0.40 0.75
Fall
Time
f
0.20 0.35
スイッチ ング時 間
Switching Time
ターンオフ時間
Turn-off Time
off
CC = 300V
L = 1Ω
G = 2.0Ω
GE = ±15V
0.60 0.80
µs
□フリーホイーリングダイオード
フリーホイーリングダイオード
フリーホイーリングダイオード
フリーホイーリングダイオードの
の 特
特 性
性:
FREE
FREE
FREE
FREE WHEELING
WHEELING
WHEELING
WHEELING DIODE
DIODE
DIODE
DIODE RATINGS
RATINGS
RATINGS
RATINGS &
& CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS(T
=25℃)
Item
Symbol
Rated Value
Unit
DC
F
300
Forward Current
1ms
FM
600
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
順電
Peak Forward Voltage
F
F = 300A, VGE = 0V
1.9
2.4
逆回復時
Reverse Recovery Time
rr
F = 300A, VGE = -10V
di/dt = 300A/µs
0.15 0.25
µs
THERMAL
THERMAL
THERMAL
THERMAL CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max. Unit
IGBT
0.12
熱抵
Thermal Impedance
Diode
th(j-c)
Junction to Case
0.24
℃/W


Similar Part No. - PCHMB300A6A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB300A6A NIEC-PCHMB300A6A Datasheet
112Kb / 3P
   IGBT MODULE Chopper 300A 600V
PCHMB300A6AC NIEC-PCHMB300A6AC Datasheet
111Kb / 3P
   IGBT MODULE Chopper 300A 600V
PCHMB300A6AC NIEC-PCHMB300A6AC Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6AC NIEC-PCHMB300A6AC_1 Datasheet
126Kb / 3P
   300A 600V
More results

Similar Description - PCHMB300A6A

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB300A6AC NIEC-PRHMB300A6AC_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6A NIEC-PRHMB300A6A_1 Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6C NIEC-PCHMB300A6C_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6C NIEC-PRHMB300A6C_1 Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6 NIEC-PCHMB300A6_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6 NIEC-PRHMB300A6_1 Datasheet
125Kb / 3P
   300A 600V
PCHMB300A6AC NIEC-PCHMB300A6AC_1 Datasheet
126Kb / 3P
   300A 600V
logo
National Instruments Co...
PCHMB300E6 NI-PCHMB300E6_15 Datasheet
335Kb / 4P
   300A, 600V
logo
Littelfuse
MG06300D-BN4MM LITTELFUSE-MG06300D-BN4MM Datasheet
1Mb / 5P
   600V 300A IGBT Module
logo
MacMic
MMF300Y060DK1 MACMIC-MMF300Y060DK1 Datasheet
332Kb / 3P
   600V 300A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com