Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCHMB300A6AC Datasheet(PDF) 2 Page - Nihon Inter Electronics Corporation

Part # PCHMB300A6AC
Description  300A 600V
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PCHMB300A6AC Datasheet(HTML) 2 Page - Nihon Inter Electronics Corporation

  PCHMB300A6AC_1 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PCHMB300A6AC_1 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PCHMB300A6AC_1 Datasheet HTML 3Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PCHMB300A6AC
PCHMB300A6AC
PCHMB300A6AC
PCHMB300A6AC
02
468
10
0
100
200
300
400
500
600
Collector to Emitter Voltage VCE (V)
Fig.1- Output Characteristics (Typical)
TC=25℃
10V
9V
12V
15V
VGE=20V
8V
7V
0
4
8
121620
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.2- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=25℃
300A
IC=150A
600A
0
4
8
12
16
20
0
2
4
6
8
10
12
14
16
Gate to Emitter Voltage VGE (V)
Fig.3- Collector to Emitter On Voltage
vs. Gate to Emitter Voltage (Typical)
TC=125℃
300A
IC=150A
600A
0
2
4
6
8
10
12
14
16
0
150
300
450
600
750
900
1050
1200
1350
0
50
100
150
200
250
300
350
400
Total Gate Charge Qg (nC)
Fig.4- Gate Charge vs. Collector to Emitter Voltage (Typical)
VCE=300V
200V
100V
RL=1Ω
TC=25℃
0.2
0.5
1
2
5
10
20
50
100
200
200
500
1000
2000
5000
10000
20000
50000
100000
200000
Collector to Emitter Voltage VCE (V)
Fig.5- Capacitance vs. Collector to Emitter Voltage (Typical)
Cies
Coes
Cres
VGE=0V
f=1MHZ
TC=25℃
0
50
100
150
200
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Collector Current IC (A)
Fig.6- Collector Current vs. Switching Time (Typical)
toff
VCC=300V
RG=2.0Ω
VGE=±15V
TC=25℃
ton
tr
tf


Similar Part No. - PCHMB300A6AC_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCHMB300A6AC NIEC-PCHMB300A6AC Datasheet
111Kb / 3P
   IGBT MODULE Chopper 300A 600V
More results

Similar Description - PCHMB300A6AC_1

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB300A6AC NIEC-PRHMB300A6AC_1 Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6A NIEC-PCHMB300A6A_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6A NIEC-PRHMB300A6A_1 Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6C NIEC-PCHMB300A6C_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6C NIEC-PRHMB300A6C_1 Datasheet
126Kb / 3P
   300A 600V
PCHMB300A6 NIEC-PCHMB300A6_1 Datasheet
126Kb / 3P
   300A 600V
PRHMB300A6 NIEC-PRHMB300A6_1 Datasheet
125Kb / 3P
   300A 600V
logo
National Instruments Co...
PCHMB300E6 NI-PCHMB300E6_15 Datasheet
335Kb / 4P
   300A, 600V
logo
Littelfuse
MG06300D-BN4MM LITTELFUSE-MG06300D-BN4MM Datasheet
1Mb / 5P
   600V 300A IGBT Module
logo
MacMic
MMF300Y060DK1 MACMIC-MMF300Y060DK1 Datasheet
332Kb / 3P
   600V 300A FRED Module
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com