Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA305A Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TCA305A
Description  Proximity Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TCA305A Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TCA305A Datasheet HTML 1Page - Siemens Semiconductor Group TCA305A Datasheet HTML 2Page - Siemens Semiconductor Group TCA305A Datasheet HTML 3Page - Siemens Semiconductor Group TCA305A Datasheet HTML 4Page - Siemens Semiconductor Group TCA305A Datasheet HTML 5Page - Siemens Semiconductor Group TCA305A Datasheet HTML 6Page - Siemens Semiconductor Group TCA305A Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Semiconductor Group
4
TCA 305
TCA 355
Absolute Maximum Ratings
Operating Range
Characteristics
VS = 12 V, TA = – 25 to 85 ˚C
Parameter
Symbol
Unit
Limit Values
Supply voltage
Output voltage
VS
VQ
35
35
Output current
IQ
mA
50
V
V
Junction temperature
Storage temperature range
Tj
Tstg
150
– 55 to 125
˚C
˚C
Thermal resistance
system - air
TCA 305 A
TCA 305 G
Rth SA
Rth SA
85 (135)2)
140 (200)2)
K/W
K/W
Distance, hysteresis resistance
RDi, RHy
0
Capacitances
CI, CD
µF
5
Supply voltage
VS
V
5 to 303)
Oscillator frequency
fOSC
MHz
0.015 to 1.5
Ambient temperature
TA
˚C
– 25 to 85
Parameter
typ.
min.
max.
Unit
Test
Condition
Limit Values
Symbol
Open-loop
current consumption
0.6
0.9
(1.0)2)
mA
outputs open
IS
Reference voltage1)
L-output voltage
per output
3.2
0.04
0.10
0.22
0.15
0.35
0.75
V
V
V
V
IREF< 10
µA
IQ L = 5 mA
IQ L = 25 mA
IQ L = 50 mA
VREF
VQ L
VQ L
VQ L
H-output current per output
10
µA
VQ H = 30 V
IQ H
Threshold at 3
Hysteresis at 3
2.1
0.5
0.4
0.6
V
V
VS 3
VHy
Turn-ON delay1)
600
– 25 %
– 25 %
ms/
µF TA = 25 ˚C
tD ON
Switching frequency w/o CI
5
kHz
fS
1)
TCA 305 only
2)
Values in parenthesis apply to TCA 355 only
3)
Operation at voltages less than 5 V (between approx. 2.5 and 5 V) is possible, if
VREF is connected to VS. In
this case
VREF is no longer internally stabilized. Additionally, the pin "turn-on delay" is to be applied as follows:
If no turn-on delay is needed, this pin has to be connected to
VS. If, however, a turn-on delay is required, the
charge current for
DD has to be adjusted with an external resistor between this pin and VS (recommended
value 390 k ).


Similar Part No. - TCA305A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305A SIEMENS-TCA305A Datasheet
112Kb / 7P
   Proximity Switch
More results

Similar Description - TCA305A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TCA305 SIEMENS-TCA305 Datasheet
112Kb / 7P
   Proximity Switch
logo
Festo Corporation.
8117066 FESTO-8117066 Datasheet
74Kb / 1P
   Proximity switch
logo
Siemens Semiconductor G...
TCA205 SIEMENS-TCA205 Datasheet
176Kb / 6P
   Proximity Switch
logo
Festo Corporation.
8117065 FESTO-8117065 Datasheet
74Kb / 1P
   Proximity switch
8150171 FESTO-8150171 Datasheet
85Kb / 2P
   Proximity switch
7/11/22
8152201 FESTO-8152201 Datasheet
95Kb / 2P
   Proximity switch
1/21/22
8150174 FESTO-8150174 Datasheet
87Kb / 2P
   Proximity switch
7/11/22
8138000 FESTO-8138000 Datasheet
85Kb / 2P
   Proximity switch
8117063 FESTO-8117063 Datasheet
74Kb / 1P
   Proximity switch
8150173 FESTO-8150173 Datasheet
82Kb / 2P
   Proximity switch
7/11/22
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com