Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTMS4916N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NTMS4916N
Description  Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTMS4916N Datasheet(HTML) 1 Page - ON Semiconductor

  NTMS4916N Datasheet HTML 1Page - ON Semiconductor NTMS4916N Datasheet HTML 2Page - ON Semiconductor NTMS4916N Datasheet HTML 3Page - ON Semiconductor NTMS4916N Datasheet HTML 4Page - ON Semiconductor NTMS4916N Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2010
April, 2010 − Rev. 0
1
Publication Order Number:
NTMS4916N/D
NTMS4916N
Power MOSFET
30 V, 11.6 A, N−Channel, SO−8
Features
Low RDS(on) to Minimize Conduction Losses
Low Capacitance to Minimize Driver Losses
Optimized Gate Charge to Minimize Switching Losses
Optimized for 5 V, 12 V Gate Drives
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
Applications
DC−DC Converters
Printers
MAXIMUM RATINGS (TJ = 25°C unless otherwise stated)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain
Current RqJA (Note 1)
Steady
State
TA = 25°C
ID
9.4
A
TA = 70°C
7.5
Power Dissipation RqJA
(Note 1)
Steady
State
TA = 25°C
PD
1.30
W
Continuous Drain
Current RqJA (Note 2)
Steady
State
TA = 25°C
ID
7.8
A
TA = 70°C
6.2
Power Dissipation RqJA
(Note 2)
TA = 25°C
PD
0.89
W
Continuous Drain
Current RqJA, t v 10 s
(Note 1)
Steady
State
TA = 25°C
ID
11.6
A
TA = 70°C
9.3
Power Dissipation
RqJA, t v 10 s(Note 1)
Steady
State
TA = 25°C
PD
1.98
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
145
A
Operating Junction and Storage Temperature
TJ,
Tstg
−55 to
150
°C
Source Current (Body Diode)
IS
2.5
A
Single Pulse Drain−to−Source Avalanche Energy
(TJ = 25°C, VDD = 30 V, VGS = 10 V,
IL = 9 Apk, L = 1.0 mH, RG = 25 W)
EAS
40.5
mJ
Lead Temperature for Soldering Purposes
(1/8″ from case for 10 s)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Ambient – Steady State (Note 1)
RqJA
96
°C/W
Junction−to−Ambient – t v 10 s (Note 1)
RqJA
63
Junction−to−Foot (Drain)
RqJF
24.5
Junction−to−Ambient – Steady State (Note 2)
RqJA
141
1. Surfacemounted on FR4 board using 1 in sq pad size, 1 oz Cu.
2. Surfacemounted on FR4 board using the minimum recommended pad size.
http://onsemi.com
Device
Package
Shipping
ORDERING INFORMATION
V(BR)DSS
RDS(ON) MAX
ID MAX
30 V
9 mW @ 10 V
11.6 A
N−Channel
D
S
G
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
SO−8
CASE 751
STYLE 12
MARKING DIAGRAM/
PIN ASSIGNMENT
1
12 mW @ 4.5 V
NTMS4916NR2G
SO−8
(Pb−Free)
2500/Tape & Reel
4916N = Device Code
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb−Free Package
18
Drain
Drain
Drain
Drain
Source
Source
Source
Gate
Top View
(Note: Microdot may be in either location)


Similar Part No. - NTMS4916N

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
NTMS4916NR2G VBSEMI-NTMS4916NR2G Datasheet
1,007Kb / 9P
   N-Channel 30-V (D-S) MOSFET
logo
Guangdong Youtai Semico...
NTMS4916NR2G UMW-NTMS4916NR2G Datasheet
404Kb / 6P
   30V N-Channel MOSFET
More results

Similar Description - NTMS4916N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMS4917N ONSEMI-NTMS4917N Datasheet
114Kb / 5P
   Power MOSFET 30 V, 10.5 A, N?묬hannel, SO?? Low RDS(on) to Minimize Conduction Losses
April, 2011 ??Rev. 0
NTMD5838NL ONSEMI-NTMD5838NL Datasheet
116Kb / 6P
   Power MOSFET 30 V, 11.6 A, N?묬hannel, SO?? Optimized Gate Charge
April, 2011 ??Rev. 0
NTMS4801N ONSEMI-NTMS4801N Datasheet
140Kb / 5P
   Power MOSFET 30 V, 12 A, N?묬hannel, SO??
April, 2009 ??Rev. 2
NTMS4802N ONSEMI-NTMS4802N Datasheet
116Kb / 5P
   Power MOSFET 30 V, 18 A, N?묬hannel, SO??
December, 2008 ??Rev. 0
NTMS4873NF ONSEMI-NTMS4873NF Datasheet
120Kb / 6P
   Power MOSFET 30 V, 11.5 A, N?묬hannel, SO??
January, 2009 ??Rev. 1
NTMS4935N ONSEMI-NTMS4935N Datasheet
142Kb / 5P
   Power MOSFET 30 V, 16 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4872N ONSEMI-NTMS4872N Datasheet
118Kb / 5P
   Power MOSFET 30 V, 10.2 A, N?묬hannel, SO??
January, 2009 ??Rev. 2
NTMS4939N ONSEMI-NTMS4939N Datasheet
141Kb / 5P
   Power MOSFET 30 V, 12.5 A, N?묬hannel, SO??
September, 2009 ??Rev. 0
NTMS4920N ONSEMI-NTMS4920N Datasheet
137Kb / 5P
   Power MOSFET 30 V, 17 A, N?묬hannel, SO??
September, 2009 ??Rev. 1
NTMFS4823N ONSEMI-NTMFS4823N Datasheet
141Kb / 6P
   Power MOSFET 30 V, 30 A, Single N?묬hannel, SO?? FL
January, 2010 ??Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com