Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4686DSN08T1G Datasheet(PDF) 9 Page - ON Semiconductor

Part # NCP4686DSN08T1G
Description  400 mA, High Accuracy, Low Input Voltage, Low Dropout Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4686DSN08T1G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button NCP4686DSN08T1G Datasheet HTML 5Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 6Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 7Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 8Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 9Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 10Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 11Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 12Page - ON Semiconductor NCP4686DSN08T1G Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NCP4686
http://onsemi.com
9
TYPICAL CHARACTERISTICS
Figure 30. Load Transients, 0.8 V Version,
IOUT = 50 – 100 mA, tR = tF = 0.5 ms, VIN = 1.8 V
0.77
0.78
0.79
0.80
0.81
0.82
0
40
80
120 160 200 240 280 320 360 400
0
50
100
150
t (ms)
Figure 31. Load Transients, 1.2 V Version,
IOUT = 50 – 100 mA, tR = tF = 0.5 ms, VIN = 2.2 V
1.14
1.16
1.18
1.20
1.22
1.24
0
40
80
120 160 200 240 280 320 360 400
0
50
100
150
t (ms)
Figure 32. Load Transients, 1.8 V Version,
IOUT = 50 – 100 mA, tR = tF = 0.5 ms, VIN = 2.8 V
1.74
1.76
1.78
1.80
1.82
1.84
0
40
80
120 160 200 240 280 320 360 400
0
50
100
150
t (ms)


Similar Part No. - NCP4686DSN08T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX10TCG ONSEMI-NCP4680DMX10TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX12TCG ONSEMI-NCP4680DMX12TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX15TCG ONSEMI-NCP4680DMX15TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4680DMX18TCG ONSEMI-NCP4680DMX18TCG Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
More results

Similar Description - NCP4686DSN08T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV4274C ONSEMI-NCV4274C Datasheet
125Kb / 13P
   400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1
NCV8535 ONSEMI-NCV8535_17 Datasheet
314Kb / 22P
   Ultra High Accuracy 500 mA Low Dropout Regulator
October, 2017 ??Rev. 5
NCP3335A ONSEMI-NCP3335A_07 Datasheet
283Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
May, 2007 - Rev. 4
NCP3335A ONSEMI-NCP3335A Datasheet
128Kb / 15P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
April, 2006 ??Rev. 3
NCP3335 ONSEMI-NCP3335 Datasheet
128Kb / 8P
   High Accuracy Ultra-low Iq, 500 mA Low Dropout Regulator
April, 2005 ??Rev. 1
NCP3335A ONSEMI-NCP3335A_13 Datasheet
273Kb / 21P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
June, 2013 ??Rev. 5
NCP3335 ONSEMI-NCP3335_06 Datasheet
267Kb / 9P
   Ultra High Accuracy, Low Iq, 500 mA Low Dropout Regulator
September, 2006 ??Rev. 5
logo
Infineon Technologies A...
TLE4254 INFINEON-TLE4254 Datasheet
473Kb / 21P
   High Accuracy Low Dropout Voltage Tracking Regulator
Rev. 1.2, 2009-11-18
logo
Analog Devices
ADP3301AR5 AD-ADP3301AR5 Datasheet
84Kb / 8P
   High Accuracy anyCAP 100 mA Low Dropout Linear Regulator
REV. 0
ADP3301 AD-ADP3301 Datasheet
125Kb / 8P
   High Accuracy anyCAP??100 mA Low Dropout Linear Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com