Electronic Components Datasheet Search |
|
NCP4686DSN10T1G Datasheet(PDF) 2 Page - ON Semiconductor |
|
NCP4686DSN10T1G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 17 page NCP4686 http://onsemi.com 2 Current Limit Vref VIN GND CE VOUT NCP4686Hxxxx Current Limit Vref VOUT VIN GND CE NCP4686Dxxxx Figure 2. Simplified Schematic Block Diagram PIN FUNCTION DESCRIPTION Pin No. XDFN6 Pin No. SC−70 Pin No. SOT23 Pin Name Description 6 4 5 VOUT Output pin 2 3 2 GND Ground 3 1 3 CE Chip enable pin (Active “H”) 4 5 1 VIN Input pin 1 2 4 NC No connection 5 − − NC No connection *Please refer to package dimensions section on Page 15 on this data sheet for pin numbers associated with different package. ABSOLUTE MAXIMUM RATINGS Rating Symbol Value Unit Input Voltage (Note 1) VIN 4.0 V Output Voltage VOUT −0.3 to VIN + 0.3 V Chip Enable Input VCE −0.3 to 4.0 V Output Current IOUT 500 mA Power Dissipation XDFN1212 PD 400 mW Power Dissipation SC−70 380 Power Dissipation SOT23 420 Junction Temperature TJ −40 to 150 °C Storage Temperature TSTG −55 to 125 °C Operating Ambient Temperature Range TA −40 to +85 °C ESD Capability, Human Body Model (Note 2) ESDHBM 2000 V ESD Capability, Machine Model (Note 2) ESDMM 200 V Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. Refer to ELECTRICAL CHARACTERISTIS and APPLICATION INFORMATION for Safe Operating Area. 2. This device series incorporates ESD protection and is tested by the following methods: ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114) ESD Machine Model tested per AEC−Q100−003 (EIA/JESD22−A115) Latchup Current Maximum Rating tested per JEDEC standard: JESD78. |
Similar Part No. - NCP4686DSN10T1G |
|
Similar Description - NCP4686DSN10T1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |