Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCN1154 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCN1154
Description  USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCN1154 Datasheet(HTML) 4 Page - ON Semiconductor

  NCN1154 Datasheet HTML 1Page - ON Semiconductor NCN1154 Datasheet HTML 2Page - ON Semiconductor NCN1154 Datasheet HTML 3Page - ON Semiconductor NCN1154 Datasheet HTML 4Page - ON Semiconductor NCN1154 Datasheet HTML 5Page - ON Semiconductor NCN1154 Datasheet HTML 6Page - ON Semiconductor NCN1154 Datasheet HTML 7Page - ON Semiconductor NCN1154 Datasheet HTML 8Page - ON Semiconductor NCN1154 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
NCN1154
http://onsemi.com
4
SUPPLY CURRENT AND LEAKAGE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise
noted). Typical values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
INC,NO(OFF)
D+, D−
R, L
Tx, Rx
OFF State Leakage
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±80
nA
ICOM(ON)
COM−,
COM+
ON State Leakage
VCOM−, VCOM+ = 0 V, 4.2 V
VD+, VD− = 4.2 V, 0 V or float
VL, VR = float or 4.2 V, 0 V
4.2
±100
nA
ICC
VCC
Quiescent Supply
VIS = GND to VCC; ID = 0 A
4.2
21
35
mA
IOFF
COM−,
COM+
Power OFF Leakage
0 ≤ VIS ≤ 5.0 V
0
50
mA
USB ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
D+ to COM+
D− to COM−
On−Resistance
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
5.5
5.5
5.5
7.5
7.5
7.5
W
RFLAT
D+ to COM+
D− to COM−
On−Resistance Flatness
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.08
0.08
0.08
W
DRON
D+ to COM+
D− to COM−
On−Resistance Matching
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.03
0.03
0.03
W
AUDIO ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
R to COM+
L to COM−
On−Resistance
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
3.0
3.0
3.0
4.7
4.7
4.7
W
RFLAT
R to COM+
L to COM−
On−Resistance Flatness
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
0.11
0.11
0.11
W
DRON
R to COM+
L to COM−
On−Resistance Matching
ION = 10 mA
VIS = −1.5 to 1.5
2.7
3.3
4.2
0.03
0.03
0.03
W
RSH
L, R
Shunt Resistance
(Resistor + Switch)
ION = 10 mA
2.7 − 4.2
118
160
W
UART ON RESISTANCE Min and Max apply for TA between −40°C to +85°C and TJ up to +125°C (Unless otherwise noted). Typical
values are referenced to TA = +25°C, VCC = 3.3 V.
Symbol
Pins
Parameter
Test Conditions
VCC (V)
−40
°C to +85°C
Unit
Min
Typ
Max
RON
Tx to COM+
Rx to COM−
On−Resistance
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
5.5
5.5
5.5
7.5
7.5
7.5
W
RFLAT
Tx to COM+
Rx to COM−
On−Resistance Flatness
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.08
0.08
0.08
W
DRON
Tx to COM+
Rx to COM−
On−Resistance Matching
ION = 10 mA
VIS = 0 V to VCC
2.7
3.3
4.2
0.03
0.03
0.03
W


Similar Part No. - NCN1154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154 Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NCN1154 ONSEMI-NCN1154 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
369Kb / 8P
   DP3T USB 2.0 High Speed / Audio Switch with Negative Swing Capability
June, 2010 ??Rev. 1
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
NCN1154MUTAG ONSEMI-NCN1154MUTAG Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
More results

Similar Description - NCN1154

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCN1154 ONSEMI-NCN1154_12 Datasheet
420Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
June, 2011 ??Rev. 4
NCN1154 ONSEMI-NCN1154_15 Datasheet
377Kb / 9P
   USB 2.0 High Speed, UART and Audio Switch with Negative Signal Capability
April, 2015 ??Rev. 5
logo
Toshiba Semiconductor
TCUA231WBG TOSHIBA-TCUA231WBG Datasheet
220Kb / 11P
   USB 2.0 High-Speed, UART, and Audio Switch with Negative Signal Capability
logo
Pericom Semiconductor C...
PI3USB223 PERICOM-PI3USB223 Datasheet
942Kb / 10P
   USB 2.0 High-Speed and Audio Switches with Negative Signal Capability
logo
ON Semiconductor
NS5S1153 ONSEMI-NS5S1153_16 Datasheet
162Kb / 9P
   USB 2.0 High Speed and Audio Switch with Negative Swing Capability
August, 2016 ??Rev. 3
logo
Fairchild Semiconductor
FSA800 FAIRCHILD-FSA800_09 Datasheet
606Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA800 FAIRCHILD-FSA800 Datasheet
548Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA806 FAIRCHILD-FSA806 Datasheet
733Kb / 12P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
FSA805 FAIRCHILD-FSA805 Datasheet
211Kb / 2P
   USB2.0 High-Speed (480Mbps), UART, and Audio Switch with Negative Signal Capability
logo
Maxim Integrated Produc...
MAX14508E MAXIM-MAX14508E Datasheet
1Mb / 14P
   USB 2.0 Hi-Speed and Audio Switches with Negative Signal Capability
19-4136; Rev 3; 11/17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com