Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP4685EMU30TCG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NCP4685EMU30TCG
Description  150 mA, Ultra Low Supply Current, Low Dropout Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4685EMU30TCG Datasheet(HTML) 4 Page - ON Semiconductor

  NCP4685EMU30TCG Datasheet HTML 1Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 2Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 3Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 4Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 5Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 6Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 7Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 8Page - ON Semiconductor NCP4685EMU30TCG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
NCP4682, NCP4685
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS
−40°C ≤ TA ≤ 85°C; VIN = VOUT(NOM) + 1 V or 2.5 V, whichever is greater; IOUT = 1 mA, CIN = COUT = 0.1 mF, unless otherwise noted.
Typical values are at TA = +25°C.
Parameter
Unit
Max
Typ
Min
Symbol
Test Conditions
CE Pin Threshold Voltage
(NCP4682 only)
CE Input Voltage “H”
VCEH
1.5
V
CE Input Voltage “L”
VCEL
0.3
CE Pull Down Current
NCP4682 only
ICEPD
0.3
mA
Power Supply Rejection Ratio
VIN = 2.2 V, VOUT = 1.2 V, DVIN = 0.2 Vpk−pk,
IOUT = 30 mA, f = 1 kHz
PSRR
30
dB
Output Noise Voltage
f = 10 Hz to 100 kHz, IOUT = 30 mA, VOUT =
1.2 V, VIN = 2.2 V
VN
70
mVrms
Low Output Nch Tr. On Resistance
VIN = 4 V, VCE = 0 V, NCP4682D only
RLOW
30
W
3. The maximum Input Voltage of the Electrical Characteristics is 5.25 V. In case of exceeding this specification, the IC must be operated n
condition that the Input Voltage is up to 5.50 V and total operation time is within 500 hours.


Similar Part No. - NCP4685EMU30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4685EMU30TCG ONSEMI-NCP4685EMU30TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NCP4685EMU30TCG ONSEMI-NCP4685EMU30TCG Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
NCP4685EMU30TCG ONSEMI-NCP4685EMU30TCG Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
More results

Similar Description - NCP4685EMU30TCG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4682 ONSEMI-NCP4682_12 Datasheet
380Kb / 22P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
October, 2012 ??Rev. 3
NVTFS5826NL ONSEMI-NVTFS5826NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
January, 2011 ??Rev. 0
NVTFS5820NL ONSEMI-NVTFS5820NL Datasheet
445Kb / 6P
   150 mA, Ultra Low Supply Current, Low Dropout Regulator
July, 2011 ??Rev. 1
logo
Texas Instruments
TPS78225-Q1 TI1-TPS78225-Q1_16 Datasheet
905Kb / 19P
[Old version datasheet]   150-mA, ULTRA-LOW QUIESCENT CURRENT, IQ LOW-DROPOUT LINEAR REGULATOR
logo
ON Semiconductor
NCP623 ONSEMI-NCP623_15 Datasheet
133Kb / 15P
   Ultra Low Noise 150 mA Low Dropout Voltage Regulator
October, 2015 ??Rev. 11
logo
Microchip Technology
MIC5201 MICROCHIP-MIC5201 Datasheet
1Mb / 22P
   150 mA Low Dropout Regulator
09/14/21
logo
ON Semiconductor
NCP4586 ONSEMI-NCP4586 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
February, 2011 ??Rev. 2
NCP4680 ONSEMI-NCP4680 Datasheet
392Kb / 20P
   150 mA, Low Noise Low Dropout Regulator
June, 2011 ??Rev. 1
NCP4586_1105 ONSEMI-NCP4586_1105 Datasheet
348Kb / 18P
   150 mA, Low Noise, Low Dropout Regulator
May, 2011 ??Rev. 4
logo
Vishay Siliconix
SIP21106 VISHAY-SIP21106 Datasheet
358Kb / 13P
   150-mA Low Noise, Low Dropout Regulator
Rev. B, 22-Jan-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com