Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD65R380E6 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPD65R380E6
Description  650V CoolMOS E6 Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD65R380E6 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPD65R380E6 Datasheet HTML 1Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 2Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 3Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 4Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 5Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 6Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 7Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 8Page - Infineon Technologies AG IPD65R380E6 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
  +  < < 9
# % ( F   & < C2>)>.;?6?@< >
<B`-,C*/'7-
)52>: .905.>.0@2>6?@60?
$ A
F9D"9L91 @==L

0 =N         

)52>: .905.>.0@2>6?@60?
)./9
2 
)52>: .905.>.0@2>6?@60?)% 
& .>.: 2@2>
( E: /< 9
+ .9
A2?
* ;6@
$ < @2
EN[\ 5XWMR\RXW
?RW%
EaY%
?J`%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
+(/
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
'
'
0,
`YUXYX
1 GD<=JA
F? L=E H=J9LMJ=
O9N=KGD<=JA
F? GFDQ9DDGO=< 9L
`YUXg
'
gc`X
  
] !
  E E     A
F 
>JGE ;9K= >GJ  K
)./9
2 
)52>: .905.>.0@2>6?@60?)%   A9
9
&  !
& .>.: 2@2>
( E: /< 9
+ .9
A2?
* ;6@
$ < @2
EN[\ 5XWMR\RXW
?RW%
EaY%
?J`%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
.(*
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
'
'
2*
`YUXYX
1 GD<=JA
F? L=E H=J9LMJ=
O9N=KGD<=JA
F? GFDQ9DDGO=< 9L
`YUXg
'
gc`X
  
] !
  E E     A
F 
>JGE ;9K= >GJ  K
)./9
2 
)52>: .905.>.0@2>6?@60?)%  
& .>.: 2@2>
( E: /< 9
+ .9
A2?
* ;6@
$ < @2
EN[\ 5XWMR\RXW
?RW%
EaY%
?J`%
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF ;9K=
&
h\D=
'
'
+(/
y=)Q
2@=JE 9DJ=KA
KL9F;= B
MF;LA
GF
UaV]Ybh
&
h\D;
 
1 + " N=JKA
GF <=NA
;=
GF . !E A
FA
E 9D
Zcchdf]bh
 
1 + " N=JKA
GF <=NA
;=
GF . ! ;E
, ;GGDAF?
UfYU+$
  "=NA
;= GF   E E  E E  =HGPQ. ! $ 0  OA
L@  ;E , GF= D9Q=J   ^ E L@A
;C  ;GHH=J9J=9>GJ<J9A
F ;GFF=;LA
GF . ! A
K
N=JLA
;9DOA
L@GML9A
JKLJ=9E ;GGDA
F?
1 GD<=JA
F?L=E H=J9LMJ=
O9N=  J=>DGOKGD<=JA
F? 9DDGO=<
'
gc`X
  
] !
J=>DGO + 1 *


Similar Part No. - IPD65R380E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD65R380E6 INFINEON-IPD65R380E6 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.1
logo
Inchange Semiconductor ...
IPD65R380E6 ISC-IPD65R380E6 Datasheet
336Kb / 2P
   N-Channel MOSFET Transistor
logo
Infineon Technologies A...
IPD65R380E6 INFINEON-IPD65R380E6_13 Datasheet
1Mb / 17P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.1
More results

Similar Description - IPD65R380E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R190E6 INFINEON-IPA65R190E6 Datasheet
2Mb / 19P
   650V CoolMOS??E6 Power Transistor
Rev. 2.0, 2011-05-13
IPB65R280E6 INFINEON-IPB65R280E6 Datasheet
1Mb / 19P
   650V CoolMOS E6 Power Transistor
2010-04-26 revision:2.0
IPA65R600E6 INFINEON-IPA65R600E6 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-07-15 revision:2.0
IPA65R280E6_1008 INFINEON-IPA65R280E6_1008 Datasheet
1Mb / 17P
   650V CoolMOS E6 Power Transistor
2010-08-16 revision:2.1
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R380E6 INFINEON-IPP60R380E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com