Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB65R420CFD Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IPB65R420CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB65R420CFD Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IPB65R420CFD Datasheet HTML 2Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 3Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 4Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 5Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 6Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 7Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 8Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 9Page - Infineon Technologies AG IPB65R420CFD Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
! *
"#$
+ ! , "#$
+ !
"#$
! - "#$
+ !
"#$
+ ! ! "#$
)
0
&
G $H/
11 &
I 1 1- = E 9
1
"
&
!
!
!
"
#
$
%
1& = D
>9&I
&
+
bcRd
$
S G
0 G
3
B
1 & 9 &
+
S bWgd
. $
$
G S
0 G
.
3
l & +
&
+ 9
=
0
$
63
G $
S G
G $H/
G $
S G
G $ H/
B
1& =
> + =
0S
3
S G
G
1& = & 1
1 1
=
$
bX_d
.25
)
S G
0 G . 3
G $H/
;5 5
S G
0 G . 3
G $ H/
B
1 1
=
S
)
ES G ? U &-
9
*
&
!
!
!
"
#
$
%
0 -
= - =
=
/^OO
52
-
S G
G
E G ? U
< -
= - =
=
/XOO
$
-
4EE =
& -
= - =
=
+,
9 '
/XbPmd
.
-
S G
G
5
4EE =
& -
= - =
=
9 '
/XbWmd
.5
-
S G =& 1
G
G
5
& 9
,
ibX_d
1
G
S G .
0 G $ 3
S G . )
1
m2
1
&EE 9
,
ibX]]d
.5
1
]5
1
2
3
&
&
!
!
!
"
#
$
%
B
& 1& = =
+
*YO
$ $
/
G 5
0 G $ 3
S G
&
B
& 9
=
+
*Yi
2 $
/
B
=
+
&
*Y
.
/
B
-
&
+
LN"WP"M
' /XbPmd 1
E ( 9 = - =
=
+
1
1
1 & 9
+, 1 /XOO I
1 1 + E &
& 5 n
bcRd
' /XbWmd 1
E ( 9 = - =
=
+
1
1
=
+ +
1 /XOO I
1 1 + E &
& 5 n
bcRd


Similar Part No. - IPB65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R420CFD INFINEON-IPB65R420CFD Datasheet
4Mb / 21P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.5
logo
Inchange Semiconductor ...
IPB65R420CFD ISC-IPB65R420CFD Datasheet
189Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPB65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com