Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI65R420CFD Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPI65R420CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI65R420CFD Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPI65R420CFD Datasheet HTML 7Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 8Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 9Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 10Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 11Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 12Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 13Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 14Page - Infineon Technologies AG IPI65R420CFD Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
BB
! *
"#$
+ ! , "#$
+ !
"#$
! - "#$
+ !
"#$
+ ! ! "#$
1
,-
1E
=
=
1 =1
,-
1E
=
=
1 =1
,-
1E
=
=
1 =1
,-
1E
=
=
1 =1
B
B
B
B
p q
p q
p q
p q
$
#
A
B
B
B
$
$
@
$ H/
$ H/
0 GE% B 'e s
sT s
0 s
%& '
(
e -
r f
,- +
=
+
,- +
=
+
,- +
=
+
,- +
=
+
*
**
*++++
p /q
p /q
p /q
p /q
B
$
@
#
B
$
@
#
/
A
C
B
5
B
GE%
*+ 'e 0 G.
3 - 1 9e -
r
*
3
=
+,
3
=
+,
3
=
+,
3
=
+,
ffff pH/q
pH/q
pH/q
pH/q
B
B
$
$
#
A
B
B$
43 GE% f'e 0 G 5 3e
G$
1&
= D
>9&I
&
+
1&
= D
>9&I
&
+
1&
= D
>9&I
&
+
1&
= D
>9&I
&
+
ffff pH/q
pH/q
pH/q
pH/q
.
.$
$
B
B#
BA
#
A
$
#
A
/
/$
/#
/
8 %
'GE% f'e 0 G
$
3


Similar Part No. - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI65R420CFD INFINEON-IPI65R420CFD Datasheet
4Mb / 21P
   Metal Oxide Semiconductor Field Effect Transistor
2013-07-31 revision:2.5
logo
Inchange Semiconductor ...
IPI65R420CFD ISC-IPI65R420CFD Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI65R420CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com