Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

517BU-01 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 517BU-01
Description  Electronic versions are uncontrolled except when accessed directly
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

517BU-01 Datasheet(HTML) 1 Page - ON Semiconductor

  517BU-01 Datasheet HTML 1Page - ON Semiconductor 517BU-01 Datasheet HTML 2Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UDFN8 3.0x2.0, 0.5P
CASE 517BU−01
ISSUE O
DATE 06 APR 2011
DIM
MIN
MAX
MILLIMETERS
A
A1
0.00
0.05
b
0.20
0.30
D
2.00 BSC
E
3.00 BSC
e
0.50 BSC
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSIONS b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.25 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
E2
PIN 1
1
D
E
B
A
C
0.15
C
0.15
e
NOTE 3
A
NOTE 4
C
A1
SEATING
PLANE
C
0.05
C
0.05
0.45
0.55
L
0.35
0.45
SCALE 4:1
REFERENCE
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1.06
3.30
0.50
DIMENSIONS: MILLIMETERS
MOUNTING FOOTPRINT
1
B
A
C
C
0.10
0.05
b
8X
D
PITCH
0.63
0.32
OUTLINE
PKG
DETAIL A
(0.065)
(0.127)
DETAIL A
L
RECOMMENDED
8X
8X
4
8
5
8X
D2
A
M
0.10
B
C
M
M
A
M
0.10
B
C
E2
0.85
0.95
D2
1.35
1.45
1.56
XXX
ALL
YM
G
XXX = Specific Device Code
A
= Assembly Location Code
LL = Assembly Lot
Y
= Year
M
= Month
G
= Pb−Free Package
*This information is generic. Please refer to
device data sheet for actual part marking.
Pb−Free indicator, “G” or microdot “ G”,
may or may not be present.
GENERIC
MARKING DIAGRAM*
MECHANICAL CASE OUTLINE
PACKAGE DIMENSIONS
http://onsemi.com
1
© Semiconductor Components Industries, LLC, 2002
October, 2002 − Rev. 0
Case Outline Number:
XXX
DOCUMENT NUMBER:
STATUS:
NEW STANDARD:
DESCRIPTION:
98AON55336E
ON SEMICONDUCTOR STANDARD
UDFN8 3.0 X 2.0, 0.5P
Electronic versions are uncontrolled except when
accessed directly from the Document Repository. Printed
versions are uncontrolled except when stamped
“CONTROLLED COPY” in red.
PAGE 1 OF 2


Similar Part No. - 517BU-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
517BR-01 ONSEMI-517BR-01 Datasheet
59Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
October, 2010 ??Rev. 01O
More results

Similar Description - 517BU-01

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
948AL-01 ONSEMI-948AL-01 Datasheet
59Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
751-07 ONSEMI-751-07 Datasheet
66Kb / 3P
   Electronic versions are uncontrolled except when accessed directly
February, 2011 ??Rev.07AK
848AB-01 ONSEMI-848AB-01 Datasheet
46Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2007 - Rev. 01C
751BD-01 ONSEMI-751BD-01 Datasheet
59Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
646AA-01 ONSEMI-646AA-01 Datasheet
60Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
March, 2009 ??Rev. 01A
510AP-01 ONSEMI-510AP-01 Datasheet
62Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
February, 2010 ??Rev. 01O
488AA-01 ONSEMI-488AA-01 Datasheet
63Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
August, 2010 ??Rev. 01E
751BE-01 ONSEMI-751BE-01 Datasheet
60Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2008 ??Rev. 01O
523AE-01 ONSEMI-523AE-01 Datasheet
69Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
June, 2007 ??Rev. 01A
513AL-01 ONSEMI-513AL-01 Datasheet
71Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
October, 2009 ??Rev. 01O
369D-01 ONSEMI-369D-01 Datasheet
55Kb / 2P
   Electronic versions are uncontrolled except when accessed directly
December, 2010 ??Rev. 01C
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com