Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB025N08N3G Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPB025N08N3G
Description  OptiMOS3 Power-transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB025N08N3G Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPB025N08N3G Datasheet HTML 1Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 2Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 3Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 4Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 5Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 6Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 7Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 8Page - Infineon Technologies AG IPB025N08N3G Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IPB025N08N3 G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
#>@ED3 1@13 9
D
1>3 5
C U__
%
)(/((
),*(( \<
( ED
@ED3 1@13 9
D
1>3 5
C [__
%
*01(
+0,(
+ 5F5B
C5 D
B
1>C65B3 1@13 9
D
1>3 5
C ^__
%
)((
)-(
-EB
>? > 45<1I D
9
=5
t P"[Z#
%
*0
%
Z_
+ 9
C5 D
9
=5
t ^
%
/+
%
-EB
>? 6645<1I D
9
=5
t P"[RR#
%
0.
%
1<<D
9
=5
t R
%
++
%
!1D
5  81B
S5  81B
13 D
5B
9
CD
9
3 C
,#
!1D
5 D
? C? EB
3 5 3 81B
75
Q S_
%
-(
./
Z8
!1D
5 D
? 4B
19
> 3 81B
75
Q SP
%
+(
,-
, G9
D
3 89
>7 3 81B
75
Q _c
%
-(
/*
!1D
5 3 81B
75 D
? D
1<
Q S
%
)--
*(.
!1D
5 @<1D
51E F? <D
175
V \XM`QMa
%
,&/
%
J
( ED
@ED3 81B
75
Q [__
V 99  .  V =H .
%
*)(
*/1
Z8
Reverse Diode
 9
? 45 3 ? >D
9
>? EC6? B
G1B
4 3 EB
B
5>D
I H
%
%
)((
6
 9
? 45 @E<C5 3 EB
B
5>D
I H$\aX_Q
%
%
,((
 9
? 45 6? B
G1B
4 F? <D
175
V H9
V =H .  I <  
T V   T
%
)&(
)&*
J
+ 5F5B
C5 B
53 ? F5B
I D
9
=5
t ^^
%
))+
%
Z_
+ 5F5B
C5 B
53 ? F5B
I 3 81B
75
Q ^^
%
+)/
%
Z8
,# ,55 697EB5 6? B71D5 3 81B75 @1B1=5D5B4569>9D9?>
V G  .  I <4I H
Pi <'Pt   V C
T 8   T
Values
V =H .  V 9H  . 
f
& " J
V 99  .  V =H . 
I 9   R = "
V 99  .  I 9  
V =H D? .
+ 5F
@175 
 


Similar Part No. - IPB025N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB025N08N3G INFINEON-IPB025N08N3G Datasheet
848Kb / 10P
   OptiMOS Power-Transistor, 80 V
2016-03-31
IPB025N08N3G INFINEON-IPB025N08N3G_16 Datasheet
848Kb / 10P
   OptiMOS Power-Transistor, 80 V
2016-03-31
More results

Similar Description - IPB025N08N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com