Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI65R280C6 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPI65R280C6
Description  650V CoolMOS C6 Power Transistor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI65R280C6 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPI65R280C6 Datasheet HTML 7Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 8Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 9Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 10Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 11Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 12Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 13Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 14Page - Infineon Technologies AG IPI65R280C6 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
  ,  = = :$ & ) G   ' = D3?*?/<@7@A= ?
=Ca-,D)/'6-
 :31 A?71 /: 1 6/?/1 A3?7@A71 @27/5?/; @
$ @E8C "8K
8 1 ?<<K
 
0 <M         
FKLVO (-
*F> A?/<@43?1 6/?/1 A3?7@A71 @
*F> 5/A31 6/?53
%
>6Y#-AM ->M6,*O
-
AM6Y#)ZTgX %>   
GLCJ<;
FKLVO (.
 C/:/<1 633<3?5F
 ?/7<@= B?1 30?3/92= D< C= :A/53

4E6Y#,T %7     -77   3

<L#>MM$6Y#,] %>    D 


Similar Part No. - IPI65R280C6

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IPI65R280C6 ISC-IPI65R280C6 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IPI65R280C6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
IPB65R310CFD INFINEON-IPB65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPL65R1K0C6S INFINEON-IPL65R1K0C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPL65R650C6S INFINEON-IPL65R650C6S Datasheet
1Mb / 14P
   650V CoolMOS™ C6 Power Transistor
Rev. 2.0, 2014-07-08
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com