Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA65R310CFD Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IPA65R310CFD
Description  650V CoolMOS C6 CFD Power Transistor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA65R310CFD Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IPA65R310CFD Datasheet HTML 7Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 8Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 9Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 10Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 11Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 12Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 13Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 14Page - Infineon Technologies AG IPA65R310CFD Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
$$
! +
"#$
, ! - "#$
, !
"#$
! . "#$
, ! ! "#$
1
-.
1D
;
;
1 ;1
-.
1D
;
;
1 ;1
-.
1D
;
;
1 ;1
-.
1D
;
;
1 ;1
@
@
@
@
p q
p q
p q
p q
(
0
B
$
$
$
(
(
#
#
0
$ H/
$ H/
0 GD% @ 'e s
sT s
0 s
%& '
(
e .
r f
-. ,
;
,
-. ,
;
,
-. ,
;
,
-. ,
;
,
+
++
+,,,,
p /q
p /q
p /q
p /q
$
(
#
0
$
(
#
0
1
B
C
$
E
@
GD%
+, 'e 0 G
2 . 1 7e .
r
*
2
;
,-
2
;
,-
2
;
,-
2
;
,-
ffff pH/q
pH/q
pH/q
pH/q
$
$
(
$
$
(
(
#
#
32 GD% f'e 0 G ) 2e
G$
1&
; C
<7&I
&
,
1&
; C
<7&I
&
,
1&
; C
<7&I
&
,
1&
; C
<7&I
&
,
ffff pH/q
pH/q
pH/q
pH/q
/
/(
(
$
$0
$B
0
B
(
0
B
1
1(
10
1
6 %
'GD% f'e 0 G
$
2


Similar Part No. - IPA65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R310CFD INFINEON-IPA65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
logo
Inchange Semiconductor ...
IPA65R310CFD ISC-IPA65R310CFD Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA65R310CFD

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA65R190CFDXKSA1 INFINEON-IPA65R190CFDXKSA1 Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD POWER Transistor
2011-05-05 revision:2.2
IPA65R420CFD INFINEON-IPA65R420CFD Datasheet
7Mb / 21P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPX65R310CFD INFINEON-IPX65R310CFD Datasheet
6Mb / 20P
   650V CoolMOS C6 CFD Power Transistor
2011-04-26 revision:2.0
IPI65R660CFD INFINEON-IPI65R660CFD Datasheet
3Mb / 20P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-01
IPW65R080CFD INFINEON-IPW65R080CFD Datasheet
1Mb / 12P
   650V CoolMOS CFD Power Transistor
Rev. 2.0, 2011-02-02
IPB65R280C6 INFINEON-IPB65R280C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-07-26 revision:2.0
IPB65R380C6 INFINEON-IPB65R380C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-10-22 revision:2.0
IPA65R600C6 INFINEON-IPA65R600C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
2010-08-19 revision:2.0
IPW65R070C6 INFINEON-IPW65R070C6 Datasheet
1Mb / 12P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-03-15
IPI65R190C6 INFINEON-IPI65R190C6 Datasheet
2Mb / 19P
   650V CoolMOS C6 Power Transistor
Rev. 2.0, 2011-05-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com