Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPI80P04P4-07 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPI80P04P4-07
Description  OptiMOS-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPI80P04P4-07 Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPI80P04P4-07 Datasheet HTML 1Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 2Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 3Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 4Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 5Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 6Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 7Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 8Page - Infineon Technologies AG IPI80P04P4-07 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IPB80P04P4-07
IPI80P04P4-07, IPP80P04P4-07
1 Power dissipation
2 Drain current
P tot = f(T C); V GS ≤ -6V
I D = f(T C); V GS ≤ -6V; SMD
3 Safe operating area
4 Max. transient thermal impedance
I D = f(V DS); T C = 25 °C; D = 0; SMD
Z thJC = f(t p)
parameter: t p
parameter: D =t p/T
1 µs
10 µs
100 µs
1 ms
1
10
100
1000
0.1
1
10
100
-V DS [V]
single pulse
0.01
0.05
0.1
0.5
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
-3
10
-2
10
-1
10
0
10
1
t p [s]
0
20
40
60
80
100
0
50
100
150
200
T C [°C]
0
20
40
60
80
100
0
50
100
150
200
T C [°C]
Rev. 1.0
page 4
2011-02-14


Similar Part No. - IPI80P04P4-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI80P04P4-05 INFINEON-IPI80P04P4-05 Datasheet
212Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
More results

Similar Description - IPI80P04P4-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPB45P03P4L-11 INFINEON-IPB45P03P4L-11 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
IPB80P03P4L-04 INFINEON-IPB80P03P4L-04 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com