Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP80P04P4L-06 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPP80P04P4L-06
Description  OptiMOS-P2 Power-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP80P04P4L-06 Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPP80P04P4L-06 Datasheet HTML 1Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 2Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 3Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 4Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 5Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 6Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 7Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 8Page - Infineon Technologies AG IPP80P04P4L-06 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Final Data Sheet
IPB80P04P4L-06
IPI80P04P4L-06, IPP80P04P4L-06
5 Typ. output characteristics
6 Typ. drain-source on-state resistance
I D = f(V DS); T j = 25 °C; SMD
R DS(on) = (I D); T j = 25 °C; SMD
parameter: V GS
parameter: V GS
7 Typ. transfer characteristics
8 Typ. drain-source on-state resistance
I D = f(V GS); V DS = -6V
R DS(on) = f(T j); I D = -80 A; V GS = -10 V; SMD
parameter: T j
4
5
6
7
8
9
-60
-20
20
60
100
140
180
T j [°C]
-55 °C
25 °C
175 °C
0
80
160
240
320
2
3
4
5
6
7
8
-V GS [V]
-2.8V
-3V
-3.5V
-4V
-4.5V
-5V
-10V
0
80
160
240
320
0
1
2
3
4
5
6
-V DS [V]
-3V
-3.2V
-3.5V
-4V
-4.5V
-5V
-7V
-10V
0
5
10
15
20
25
0
40
80
-I D [A]
Rev. 1.0
page 5
2011-02-14


Similar Part No. - IPP80P04P4L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80P04P4L-04 INFINEON-IPP80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPP80P04P4L-08 INFINEON-IPP80P04P4L-08 Datasheet
211Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
More results

Similar Description - IPP80P04P4L-06

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPB45P03P4L-11 INFINEON-IPB45P03P4L-11 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
IPB80P03P4L-04 INFINEON-IPB80P03P4L-04 Datasheet
174Kb / 9P
   OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com