Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB120N06NG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB120N06NG
Description  OptiMOS Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB120N06NG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB120N06NG Datasheet HTML 1Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 2Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 3Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 4Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 5Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 6Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 7Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 8Page - Infineon Technologies AG IPB120N06NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IPB120N06N G
IPP120N06N G
"%&$!"#
Power-Transistor
Features
O >@ 50ABAE8
B
2 78
=6 2 >=D4@B
4@A 0=3 AG=2@42 B
8
58
2 0B
8
>=
O' 2 70==4;4=70=2 4< 4=B =>@< 0;;4D4;
O   R >? 4@0B
8
=6 B
4< ? 4@0B
C@4
O D0;0=2 74 @0B
43
O) 15@44 ;403 ? ;0B
8
=6 * >" + 2 >< ? ;8
0=B
O" 0;>64=5@44 02 2 >@3 8
=6 B
> #      
Maximum ratings,
0BT U   R  C=;4AA>B
74@E8
A4 A? 42 8
58
43
Parameter
Symbol Conditions
Unit
 >=B
8
=C>CA 3 @08
=2 C@@4=B
I 9
T 8   R
/-
6
T 8 R
-+
) C;A43 3 @08
=2 C@@4=B
I 9$[_W]P
T 8   R
)#
+((
 D0;0=2 74 4=4@6G A8
=6;4 ? C;A4
E 6G
I 9     R =G   "
*0(
X@
* 4D4@A4 3 8
>3 4 3 v 'Ot
Ov 'Ot
I 9     V 9G   - 
Oi 'Ot    T A
T U$XLb  R
.
VI'p]
!0B
4 A>C@2 4 D>;B
064
V =G
o*(
I
) >E4@ 3 8
AA8
? 0B
8
>=
P ^Z^
T 8   R
)-0
J
( ? 4@0B
8
=6 0=3 AB
>@064 B
4< ? 4@0B
C@4
T U T ]^R
   
R
#  2 ;8
< 0B
8
2 2 0B
46>@G  #' #   
     
Value
)# +44 586C@4 
V 9G
.(
I
R  +>=< 0F +&  D4@A8>=
))&/
X"
I 9
/-
6
Product Summary
Type
#) ) '  ' !
#)  '  ' !
Package
E%HD**(%+%)
E%HD*.+%+%*
Marking
)*(C(.C
)*(C(.C
* 4D 
? 064
 


Similar Part No. - IPB120N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB120N06NG INFINEON-IPB120N06NG Datasheet
445Kb / 10P
   OptiMOS짰 Power-Transistor
Rev. 1.11 2006-07-05
logo
VBsemi Electronics Co.,...
IPB120N06NG VBSEMI-IPB120N06NG Datasheet
1Mb / 8P
   N-Channel 60-V (D-S) MOSFET
More results

Similar Description - IPB120N06NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SPD30N06S2L-23 INFINEON-SPD30N06S2L-23 Datasheet
263Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2-03 INFINEON-SPI80N03S2-03 Datasheet
418Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
SPI80N03S2L-04 INFINEON-SPI80N03S2L-04 Datasheet
417Kb / 8P
   OptiMOS Power-Transistor
2003-05-09
BSC119N03SG INFINEON-BSC119N03SG_09 Datasheet
384Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.91 2009-11-04
BSC123N10LSG INFINEON-BSC123N10LSG Datasheet
447Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC152N10NSFG INFINEON-BSC152N10NSFG Datasheet
423Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC252N10NSFG INFINEON-BSC252N10NSFG Datasheet
419Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
BSC265N10LSFG INFINEON-BSC265N10LSFG Datasheet
433Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.08 2009-11-04
IPB260N06N3G INFINEON-IPB260N06N3G Datasheet
297Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 2.2 2010-01-22
IPD090N03LGE8177 INFINEON-IPD090N03LGE8177 Datasheet
315Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 2.0 2010-02-23
BSZ040N04LSG INFINEON-BSZ040N04LSG Datasheet
336Kb / 9P
   OptiMOS?? Power-Transistor
Rev. 1.3 2009-11-05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com