Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB200N25N3G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # IPB200N25N3G
Description  OptiMOS3 Power-Transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB200N25N3G Datasheet(HTML) 4 Page - Infineon Technologies AG

  IPB200N25N3G_10 Datasheet HTML 1Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 2Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 3Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 4Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 5Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 6Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 7Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 8Page - Infineon Technologies AG IPB200N25N3G_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
IPB200N25N3 G
IPP200N25N3 G
IPI200N25N3 G
1 Power dissipation
2 Drain current
P tot=f(T C)
I D=f(T C); V GS:
3 Safe operating area
4 Max. transient thermal impedance
I D=f(V DS); T C=25 °C; D =0
Z thJC=f(t p)
parameter: t p
parameter: D =t p/T
single pulse
0.01
0.02
0.05
0.1
0.2
0.5
10-5
10-4
10-3
10-2
10-1
100
10-2
10-1
100
t
p [s]
0
40
80
120
160
200
240
280
320
0
50
100
150
200
T
C [°C]
0
10
20
30
40
50
60
70
0
50
100
150
200
T
C [°C]
1 µs
10 µs
100 µs
1 ms
10 ms
DC
10-1
100
101
102
103
10-1
100
101
102
103
V
DS [V]
Rev. 2.3
page 4
2010-10-19


Similar Part No. - IPB200N25N3G_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
427Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.2 2009-10-23
IPB200N25N3G INFINEON-IPB200N25N3G Datasheet
764Kb / 11P
   OptiMOSTM3 Power-Transistor
Rev. 2.4 2011-07-14
More results

Similar Description - IPB200N25N3G_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com