Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB530N15N3G Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # IPB530N15N3G
Description  OptiMOS3 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB530N15N3G Datasheet(HTML) 5 Page - Infineon Technologies AG

  IPB530N15N3G Datasheet HTML 1Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 2Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 3Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 4Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 5Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 6Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 7Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 8Page - Infineon Technologies AG IPB530N15N3G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
#    !  !  
#    !  !  
#   !  !  
# #   !  !  
 & C; : ?>;?>.3,<,.>0<4=>4.=
 & C; /<,49=: ?<.0 : 9 <0=4=>,9.0
' ;5S", ;I + W   U
* ;I"\[#5S"' ; + W   U
A2C
2>6E
6C
 , >I
A2C
2>6E
6C
 , >I
 & C; ><,9=10<.3,<,.>0<4=>4.=
 & C; 1: <A ,</ ><,9=.: 9/?.>,9.0
' ;5S", >I L
, ;Ih6+h' ;h* ;I"\[#ZNe
/ S`5S"' ; + W   U
A2C
2>6E
6C
 + W
 /
  /
 /
 /
 /
/
'
)'
+'
-'
/'
(''
'
,
('
(,
)'
),
" 4 * +
  U
   U
'
('
)'
*'
+'
,'
'
)
+
-
/
' 7A *( +
'
('
)'
*'
+'
'
('
)'
*'
+'
,'
" 4 * +
  /
 /
  /
 /
  /
 /
 /
/
'
)'
+'
-'
'
(
)
*
+
,
' 4A *( +
, 6G  
A286 
   


Similar Part No. - IPB530N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB530N15N3G INFINEON-IPB530N15N3G Datasheet
967Kb / 12P
   N-channel, normal level
Rev. 2.6 2013-07-09
IPB530N15N3G INFINEON-IPB530N15N3G_13 Datasheet
967Kb / 12P
   N-channel, normal level
Rev. 2.6 2013-07-09
More results

Similar Description - IPB530N15N3G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com