Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPU135N03LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPU135N03LG
Description  OptiMOS3 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPU135N03LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPU135N03LG Datasheet HTML 1Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 2Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 3Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 4Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 5Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 6Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 7Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 8Page - Infineon Technologies AG IPU135N03LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
%    #  ! 
%    #  ! 
% '   #  ! 
% )   #  ! 
AJZJVN\NZ
CaVKXU 4XWMR\RXW[
EWR\
VRW%
\aY%
VJ`%
 E;.: 60 05.>.0@2>6?@60?
$ACGF64 C4 6<F
4 A68
! Xaa
&
00)
*)))
_=
* GF
CGF64 C4 6<F
4 A68
! ^aa
&
,.)
-0)
- 8H8D
E8 F
D
4 AE98D64 C4 6<F
4 A68
9`aa
&
*/
&
/GD
ABA 78?
4 K F
<@ 8
. S"^]#
&
,')
&
]a
- <E8 F
<@ 8
. `
&
,')
&
/GD
AB9978?
4 K F
<@ 8
. S"^UU#
&
*+
&
!4 ?
?F
<@ 8
. U
&
+'+
&
" 4 F
8  ;4 D
V8  ;4 D
4 6F
8D
<EF
<6E
/#
" 4 F
8 F
B EBGD
68 6;4 D
: 8
& Va
&
+'0
&
]9
" 4 F
8 6;4 D
: 8 4 FF
;D
8E;B?
7
& V"bW#
&
*'+
&
" 4 F
8 F
B 7D
4 <A 6;4 D
: 8
& VS
&
*'+
&
. I<F
6;<A: 6;4 D
: 8
& ae
&
+'/
&
" 4 F
8 6;4 D
: 8 F
BF
4 ?
& V
&
-'1
/'-
" 4 F
8 C?
4 F
84 G HB?
F
4 : 8
) _[PbTPc
&
,'.
&
M
" 4 F
8 6;4 D
: 8 F
BF
4 ?
& V
) ;;   1$ ; 
) >JFB 1
&
*)
&
" 4 F
8 6;4 D
: 8 F
BF
4 ?
EKA6 ! /
& V"ag]R#
) ;J  1
) >JFB   1
&
-'+
.'.
]9
* GF
CGF6;4 D
: 8
& ^aa
) ;;   1) >J1
&
2
&
& 2B2>?2  6<1 2
 <B78 6BAF
<AGBGE9BD
I4 D
7 6GD
D
8AF
$ J
&
&
+.
7
 <B78 CG?
E8 6GD
D
8AF
$ J%_c[aT
&
&
+*)
 <B78 9BD
I4 D
7 HB?
F
4 : 8
) J;
) >J1$ = 
( Y   V
&
)'21
*'+
M
- 8H8D
E8 D
86BH8D
K 6;4 D
: 8
& ``
) I   1$ =5$ J
S- =(S.    Y E
&
&
*)
]9
/# .88 9<:GD8   9BD: 4 F8 6;4 D:8 C4 D4@ 8F8D789<A<F<BA
( 9   V
FJU]N[
) >J1) ;J   1
+   ( # L
) ;;   1) >J 1
$ ; ' >   "
) ;;   1$ ; 
) >JFB   1
- 8H  
C4 : 8 
 


Similar Part No. - IPU135N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPU135N03LG INFINEON-IPU135N03LG Datasheet
536Kb / 12P
   OptiMOS 3 Power-Transistor Features Optimized technology for DC/DC converters
Rev. 1.0 2006-10-23
More results

Similar Description - IPU135N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com