Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP12CN10LG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # IPP12CN10LG
Description  OptiMOS2 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP12CN10LG Datasheet(HTML) 2 Page - Infineon Technologies AG

  IPP12CN10LG Datasheet HTML 1Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 2Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 3Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 4Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 5Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 6Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 7Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 8Page - Infineon Technologies AG IPP12CN10LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
% '  # ! 
% %  # ! 
AJZJVN\NZ
CaVKXU 4XWMR\RXW[
EWR\
VRW%
\aY%
VJ`%
(52>: .9 05.>.0@2>6?@60?
/: 7D
? 3 >D
7E;
EF
3 @ 57 <G@ 5F
;
A@53 E7
' bVA9
%
%
)&*
B'M
' bVA7
? ;
@ ;
? 3 >8AAF
BD
;
@ F
 
 5?  5AA>
;
@ 9 3 D
73
,#
%
%
,(
 920@>60.9 05.>.0@2>6?@60? 3 F( X   V  G@ >
7EEAF
: 7D
I;
E7 EB75;
8;
76
' @.@60 05.>.0@2>6?@60?
 D
3 ;
@ EAGD
57 4D
73 =6AI@ HA>
F
3 97
) "8I#;JJ ) >J 0  $ ;?
)((
%
%
L
" 3 F
7 F
: D
7E: A>
6 HA>
F
3 97
) >J"bV#
) ;J5) >J $ ;   X 
)&*
)&0,
*&,
2 7D
A 93 F
7 HA>
F
3 97 6D
3 ;
@ 5GD
D
7@ F
$ ;JJ
) ;J  0  ) >J 0 
( X   V
%
(&)
)
t7
) ;J  0  ) >J 0 
( X  V
%
)(
)((
" 3 F
7EAGD
57 >
73 =3 97 5GD
D
7@ F
$ >JJ
) >J  0  ) ;J 0
%
)
)((
\7
 D
3 ;
@ EAGD
57 A@ EF
3 F
7 D
7E;
EF
3 @ 57
' ;J"]\#
) >J   0  $ ;     
"KF**(#
%
))&/
)-&0
["
) >J 0  $ ;    
"KF**(#
%
1&1
)*
) >J   0  $ ;     
"KF*-)#
%
))&/
)-&0
) >J 0  $ ;    
"KF*-)#
%
1&1
))&0
" 3 F
7 D
7E;
EF
3 @ 57
' >
%
)&+
%
"
K`O\aQ]\RcQbO\QS
, Ta
i) ;Ji6*i$ ;i' ;J"]\#[Of
$ ;   
-/
))+
%
J
FJU]N[
,#  7H;57 A@  ?? J ?? J  ?? 7BAJK +  !-  I;F:  5?* A@ 7 >3K7D X ? F:;5= 5ABB7D3 D73 8AD6D3;@
5A@ @ 75F
;
A@+   ;
EH7D
F
;
53 >;
@ EF
;
>
>3 ;
D
/: 7D
? 3 >D
7E;
EF
3 @ 57 <G@ 5F
;
A@
O[PWS\b
- 7H 
B3 97 
  


Similar Part No. - IPP12CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
619Kb / 10P
   OptiMOS짰2 Power-Transistor
Rev. 1.03 2011-09-05
More results

Similar Description - IPP12CN10LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com