Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPD16CN10NG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPD16CN10NG
Description  OptiMOS2 Power-Transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPD16CN10NG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPD16CN10NG Datasheet HTML 1Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 2Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 3Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 4Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 5Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 6Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 7Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 8Page - Infineon Technologies AG IPD16CN10NG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
$    " " 
$    " " 
$    " " 
$ $   " " 
"%&$!"#
a $ ;B 1 ='=-: >5>?;=
7MI[\YMZ
S) 5: 3 @@7> @A D
?3 >>7H7>
S!J57>>7@F93 F
7 5: 3 D
97 J' <J"]\# BDA6G5F" * ( 
S0 7D
K >A I A @D
7E;
EF
3 @57 ' <J"]\#
S   V A B7D
3 F
;
@9 F
7?B7D
3 F
GD
7
S+ 4 8D
77 >73 6 B>3 F
;
@9 - A $ . 5A ?B>;
3 @F
S, G3 >;
8;
76 3 55A D
6;
@9 F
A & ! !
*# 8A DF3D97F3 BB>;53 F;A@
S%673 >8A D: ;
9: 8D
7CG7@5K EI;
F
5: ;
@9 3 @6 EK@5: D
A @A GED
75F
;
8;
53 F
;
A @
S$ 3 >A 97@8D
77 3 55A D
6;
@9 F
A %!         
! -C59 @9 =-?5: 3> 3 F( X   VG@>7EEA F:7DI;E7 EB75;8;76
@IYIUM[MY
B`UJWT 4WVLQ[QWVZ
DVQ[
 A @F
;
@GA GE6D
3 ;
@ 5GD
D
7@F
$ <
( ;   V
.,
8
( ;  V
,1
+ G>E76 6D
3 ;
@ 5GD
D
7@F
+#
$ <%^cZaS
( ;   V
+*+
 H3 >3 @5: 7 7@7D
9K E;
@9>7 BG>E7
# 8J
$ <   ' ?J   "
*)0
[B
- 7H7D
E7 6;
A 67 6/ (R.
R/ (R.
$ <   ) <J 0
R- (R.    X E
( X%[Of    V
/
YL(ta
# 3 F
7 EA GD
57 HA >F
3 97
,#
) ?J
s+)
L
+ A I7D6;
EE;
B3 F
;
A @
% b]b
( ;   V
*))
M
* B7D
3 F
;
@9 3 @6 EF
A D
3 97 F
7?B7D
3 F
GD
7
( X ( abU
    
V
%! 5>;
?3 F
;
5 53 F
79A D
K
%) %!   
      
  K
X[Of  V
3 @6 6GF
K 5K5>7
  8A D0 9E  0
 !J57BF +  '  /*    
EIT\M
*#& ./ 3 @6 & !.  
+# E77 8;9GD7 
) <J
*))
L
' .A @?3 J/*    
*/
["
$ <
.,
8
$ =;0@/?& @9 9 -=D
C`XM
%+     ) ) #
%+    ) ) #
%+ %   ) ) #
%+ +    ) ) #
@IKSIOM
G?&KF+/,&,
G?&KF+.+&,
G?&KF+/+&,
G?&KF++)&,
=IYSQVO
*/;E*)E
*/;E*)E
*/;E*)E
*/;E*)E
- 7H  
B3 97 
   


Similar Part No. - IPD16CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD16CN10NG INFINEON-IPD16CN10NG Datasheet
624Kb / 12P
   OptiMOS짰2 Power-Transistor Excellent gate charge x RDS(on) product (FOM)
Rev. 1.01 2006-06-02
More results

Similar Description - IPD16CN10NG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO200N03S INFINEON-BSO200N03S Datasheet
238Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO150N03 INFINEON-BSO150N03 Datasheet
224Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSC094N03S INFINEON-BSC094N03S Datasheet
340Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.01 2004-12-15
IPD05N03LB INFINEON-IPD05N03LB Datasheet
304Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-12-16
BSC032N03S INFINEON-BSC032N03S Datasheet
301Kb / 10P
   OptiMOS2 Power-Transistor
Rev. 1.2 2004-04-13
BSO094N03S INFINEON-BSO094N03S Datasheet
237Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.11 2004-02-09
BSO350N03 INFINEON-BSO350N03 Datasheet
225Kb / 9P
   OptiMOS2 Power-Transistor
2004-02-09
IPD10N03LA INFINEON-IPD10N03LA Datasheet
412Kb / 11P
   OptiMOS2 Power-Transistor
Rev. 1.3 2004-05-19
IPP05CN10LG INFINEON-IPP05CN10LG Datasheet
329Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 1.02 2008-10-31
IPP03N03LBG INFINEON-IPP03N03LBG_08 Datasheet
275Kb / 9P
   OptiMOS2 Power-Transistor
Rev. 0.95 2008-05-06
IPP12CN10LG INFINEON-IPP12CN10LG Datasheet
778Kb / 10P
   OptiMOS2 Power-Transistor
2008-07-15 revision:1.02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com