Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP50R380CE Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IPP50R380CE
Description  500V CoolMOS CE Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R380CE Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IPP50R380CE Datasheet HTML 3Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 4Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 5Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 9Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 10Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
500V CoolMOS™ CE Power Transistor
IPx50R380CE
Electrical characteristics
Final Data Sheet
7
Rev. 2.0, 2010-08-27
Table 7
Gate charge characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
IGate to source charge
Q
gs
-4
-
nC
V
DD=480 V, ID=4.8 A,
V
GS=0 to 10 V
Gate to drain charge
Q
gd
-16
-
Gate charge total
Q
g
-32
-
Gate plateau voltage
V
plateau
-5.4
-
V
Table 8
Reverse diode characteristics
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Diode forward voltage
V
SD
-0.9
-
V
V
GS=0 V, IF=4.8A,
T
j=25 °C
Reverse recovery time
t
rr
-290
-
ns
V
R=400 V, IF=4.8 A,
d
i
F/dt=100 A/µs
(see table 22)
Reverse recovery charge
Q
rr
-3.3
-
µC
Peak reverse recovery current
I
rrm
-21
-
A


Similar Part No. - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
879Kb / 20P
   500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
logo
Inchange Semiconductor ...
IPP50R380CE ISC-IPP50R380CE Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPW50R280CE INFINEON-IPW50R280CE Datasheet
2Mb / 15P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R800CE INFINEON-IPA50R800CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R800CE INFINEON-IPA50R800CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com