Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP50R380CE Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # IPP50R380CE
Description  500V CoolMOS CE Power Transistor
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP50R380CE Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button IPP50R380CE Datasheet HTML 5Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 6Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 7Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 8Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 9Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 10Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 11Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 12Page - Infineon Technologies AG IPP50R380CE Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
500V CoolMOS™ CE Power Transistor
IPx50R380CE
Electrical characteristics diagrams
Final Data Sheet
9
Rev. 2.0, 2010-08-27
Table 11
Safe operating area
T
C=25 °C
non FullPAK
Safe operating area
T
C=25 °C
FullPAK
I
D=f(VDS); TC=25 °C; D=0; parameter tp
ID=f(VDS); TC=25 °C; D=0; parameter tp
Table 12
Safe operating area
T
C=80 °C
non FullPAK
Safe operating area
T
C=80 °C
FullPAK
ID=f(VDS); TC=80 °C; D=0; parameter tp
ID=f(VDS); TC=80 °C; D=0; parameter tp


Similar Part No. - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
879Kb / 20P
   500V Superjunction MOSFET for Consumer and Lighting Applications
V1.0 April 2012
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPP50R380CE INFINEON-IPP50R380CE Datasheet
1Mb / 13P
   500V CoolMOS짧 CE Power Transistor
Rev.2.2,2016-06-13
logo
Inchange Semiconductor ...
IPP50R380CE ISC-IPP50R380CE Datasheet
338Kb / 2P
   N-Channel MOSFET Transistor
More results

Similar Description - IPP50R380CE

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPI50R380CE INFINEON-IPI50R380CE Datasheet
2Mb / 17P
   500V CoolMOS CE Power Transistor
Rev. 2.0, 2010-08-27
IPA50R500CE INFINEON-IPA50R500CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.0, 2014-06-12
IPW50R280CE INFINEON-IPW50R280CE Datasheet
2Mb / 15P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R800CE INFINEON-IPA50R800CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R950CE INFINEON-IPA50R950CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPP50R380CE INFINEON-IPP50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-06
IPA50R280CE INFINEON-IPA50R280CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2
IPA50R380CE INFINEON-IPA50R380CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.2, 2014-06-12
IPA50R650CE INFINEON-IPA50R650CE_15 Datasheet
1Mb / 14P
   500V CoolMOS™ CE Power Transistor
Rev. 2.1, 2014-06-12
IPA50R800CE INFINEON-IPA50R800CE Datasheet
1Mb / 2P
   500V CoolMOS??CE Power MOSFET
10 / 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com