Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPB055N03LG Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPB055N03LG
Description  OptiMOS3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPB055N03LG Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPB055N03LG Datasheet HTML 1Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 2Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 3Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 4Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 5Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 6Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 7Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 8Page - Infineon Technologies AG IPB055N03LG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Type
IPP055N03L G
IPB055N03L G
!"#$%!&
3 Power-Transistor
Features
• Fast switching MOSFET for SMPS
• Optimized technology for DC/DC converters
• Qualified according to JEDEC
1) for target applications
• N-channel, logic level
• Excellent gate charge x R DS(on) product (FOM)
• Very low on-resistance R DS(on)
• Avalanche rated
• Pb-free plating; RoHS compliant
• Halogen-free according to IEC61249-2-21
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
V GS=10 V, T C=25 °C
50
A
V GS=10 V, T C=100 °C
50
V GS=4.5 V, T C=25 °C
50
V GS=4.5 V,
T C=100 °C
50
Pulsed drain current
2)
I D,pulse
T C=25 °C
350
Avalanche current, single pulse
3)
I AS
T C=25 °C
50
Avalanche energy, single pulse
E AS
I D=35 A, R GS=25 W
60
mJ
Reverse diode dv /dt
dv /dt
I D=50 A, V DS=24 V,
di /dt =200 A/µs,
T j,max=175 °C
6
kV/µs
Gate source voltage
V GS
±20
V
Value
1) J-STD20 and JESD22
V DS
30
V
R DS(on),max
5.5
m
W
I D
50
A
Product Summary
Type
IPP055N03L G
IPB055N03L G
Package
PG-TO220-3-1
PG-TO263-3
Marking
055N03L
055N03L
Rev. 1.03
page 1
2009-09-22


Similar Part No. - IPB055N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB055N03LG INFINEON-IPB055N03LG Datasheet
280Kb / 10P
   OptiMOS?? Power-Transistor
Rev. 1.03 2009-09-22
More results

Similar Description - IPB055N03LG

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com