Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPA60R380E6 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IPA60R380E6
Description  600V CoolMOS E6 Power Transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPA60R380E6 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IPA60R380E6 Datasheet HTML 4Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 5Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 6Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 7Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 8Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 9Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 10Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 11Page - Infineon Technologies AG IPA60R380E6 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
600V CoolMOS
™ E6 Power Transistor
IPx60R380E6
Electrical characteristics diagrams
FinalData Sheet
8
Rev. 2.0, 2010-04-09
5
Electrical characteristics diagrams
Table 9
Power dissipation
TO-220
Power dissipation
TO-220 FullPAK
P
tot = f(TC)
P
tot = f(TC)
Table 10
Max. transient thermal impedance
TO-220
Max. transient thermal impedance
TO-220 FullPAK
Z
(thJC)=f(tp); parameter: D=tp/T
Z
(thJC)=f(tp); parameter: D=tp/T


Similar Part No. - IPA60R380E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPA60R380E6 INFINEON-IPA60R380E6 Datasheet
1,004Kb / 18P
   Metal Oxide Semiconductor Field Effect Transistor
2014-12-09 revision:2.5
logo
Inchange Semiconductor ...
IPA60R380E6 ISC-IPA60R380E6 Datasheet
267Kb / 2P
   Isc N-Channel MOSFET Transistor
More results

Similar Description - IPA60R380E6

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP60R190E6 INFINEON-IPP60R190E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-05-03
IPD60R600E6 INFINEON-IPD60R600E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-12
IPD60R450E6 INFINEON-IPD60R450E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-26 revision:2.0
IPD60R750E6 INFINEON-IPD60R750E6 Datasheet
2Mb / 17P
   600V CoolMOS E6 Power Transistor
2010-07-23 revision:2.0
IPP60R280E6 INFINEON-IPP60R280E6 Datasheet
1Mb / 17P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPP60R520E6 INFINEON-IPP60R520E6 Datasheet
1Mb / 16P
   600V CoolMOS E6 Power Transistor
Rev. 2.0, 2010-04-09
IPW60R190E6 INFINEON-IPW60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPA60R190E6 INFINEON-IPA60R190E6_15 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPP60R190E615 INFINEON-IPP60R190E615 Datasheet
958Kb / 18P
   600V CoolMOS™ E6 Power Transistor
Rev. 2.3, 2014-12-02
IPA65R190E6 INFINEON-IPA65R190E6 Datasheet
2Mb / 19P
   650V CoolMOS??E6 Power Transistor
Rev. 2.0, 2011-05-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com