Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IPP096N03LG Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IPP096N03LG
Description  OptiMOS3 Power-Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPP096N03LG Datasheet(HTML) 3 Page - Infineon Technologies AG

  IPP096N03LG_10 Datasheet HTML 1Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 2Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 3Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 4Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 5Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 6Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 7Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 8Page - Infineon Technologies AG IPP096N03LG_10 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
% %   #  ! 
%    #  ! 
AJZJVN\NZ
CaVKXU 4XWMR\RXW[
EWR\
VRW%
\aY%
VJ`%
 E;.: 60 05.>.0@2>6?@60?
#? AED42 A2 4:D2 ? 46
"
V__
%
)*((
).((
]<
) EDAED42 A2 4:D2 ? 46
"
\__
%
-((
..(
, 6F6BC6 DB2 ? C76B42 A2 4:D2 ? 46
8^__
%
*,
%
.EB? @? 56=
2 I D:> 6
/
Q"\[#
%
,&(
%
[_
, :C6 D:> 6
/
^
%
+&*
%
.EB? @7756=
2 I D:> 6
/
Q"\SS#
%
).
%
2 =
=D:> 6
/
S
%
*&.
%
!2 D6  92 BT6  92 B2 4D6B:CD:4C
-#
!2 D6 D@ C@EB46 492 B86
'
T_
%
,&(
%
[8
!2 D6 492 B86 2 DD9B6C9@=
5
'
T"`U#
%
)&1
%
!2 D6 D@ 5B2 :? 492 B86
'
TQ
%
)&0
%
- G:D49:? 8 492 B86
'
_c
%
+&1
%
!2 D6 492 B86 D@D2 =
'
T
%
/&,
%
!2 D6 A=
2 D62 EF@=
D2 86
*
]YN`RNa
%
+&,
%
K
!2 D6 492 B86 D@D2 =
'
T
*
99 /  %
9   
*
=I D
@ /
%
)-
%
!2 D6 492 B86 D@D2 =
 CI? 4  .
'
T"_e[P#
*
9I / 
*
=I D
@   /
%
.&,
%
[8
) EDAED492 B86
'
\__
*
99 /  *=I /
%
)+
%
& 2B2>?2  6<1 2
 :@56 4@? D:? E@EC7@BG2 B5 4EBB6? D
%
I
%
%
+-
6
 :@56 AE=
C6 4EBB6? D
%
I$]aY_R
%
%
*,-
 :@56 7@BG2 B5 F@=
D2 86
*
I9
*
=I /  %
<   
)
W   T
%
(&1,
)&*
K
, 6F6BC6 B64@F6BI 492 B86
'
^^
*
H /  %
<4%
I
Q.
<'Q/
   W C
%
%
)(
[8
.# -66 7:8EB6 7@B82 D6 492 B86 A2 B2 >6D6B567:? :D:@?
)
8   T
FJU]N[
*
=I /  *9I / 
,
' " J
*
99 /  *=I / 
%
9    (= #
*
99 /  %
9   
*
=I D
@   /
, 6F 
A2 86 
   


Similar Part No. - IPP096N03LG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP096N03LG INFINEON-IPP096N03LG Datasheet
299Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.02 2007-08-29
More results

Similar Description - IPP096N03LG_10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB022N04LG INFINEON-IPB022N04LG Datasheet
686Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.2 2009-12-11
BSC077N12NS3G INFINEON-BSC077N12NS3G Datasheet
442Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 2.5 2009-10-21
IPB020N04NG INFINEON-IPB020N04NG Datasheet
522Kb / 9P
   OptiMOS3 Power-Transistor
2010-05-19 revision:1.3
BSC110N06NS3G INFINEON-BSC110N06NS3G Datasheet
329Kb / 9P
   OptiMOS3 Power-Transistor
Rev.2.3 2009-10-29
BSC600N25NS3G INFINEON-BSC600N25NS3G Datasheet
310Kb / 9P
   OptiMOS3 Power-Transistor
Rev. 2.3 2009-10-23
IPB034N06L3G INFINEON-IPB034N06L3G Datasheet
1,002Kb / 11P
   OptiMOS3 Power-Transistor
2009-12-16 revision:2.7
IPD135N08N3G INFINEON-IPD135N08N3G Datasheet
445Kb / 9P
   OptiMOS3 Power-Transistor
2008-06-24 revision:2.1
IPP055N03LG INFINEON-IPP055N03LG_09 Datasheet
735Kb / 10P
   OptiMOS3 Power-Transistor
Rev. 1.03 2009-09-22
IPP057N08N3G INFINEON-IPP057N08N3G_10 Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-14 revision:1.2
IPP070N08N3G INFINEON-IPP070N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-18 revision:2.3
IPP139N08N3G INFINEON-IPP139N08N3G Datasheet
1Mb / 11P
   OptiMOS3 Power-Transistor
2010-01-22 revision:2.5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com