Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF041501F Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTF041501F
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF041501F Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTF041501F Datasheet HTML 1Page - Infineon Technologies AG PTF041501F Datasheet HTML 2Page - Infineon Technologies AG PTF041501F Datasheet HTML 3Page - Infineon Technologies AG PTF041501F Datasheet HTML 4Page - Infineon Technologies AG PTF041501F Datasheet HTML 5Page - Infineon Technologies AG PTF041501F Datasheet HTML 6Page - Infineon Technologies AG PTF041501F Datasheet HTML 7Page - Infineon Technologies AG PTF041501F Datasheet HTML 8Page - Infineon Technologies AG PTF041501F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
PTF041501E
PTF041501F
Data Sheet
4 of 11
Rev. 04, 2007-08-01
Intermodulation Distortion vs. POUT
(in a broadband circuit)
VDD = 28 V, IDQ = 900 mA, f1 = 469 MHz, f2 = 470 MHz
-70
-60
-50
-40
-30
-20
-10
0
36
38
40
42
44
46
48
50
Output Power (dBm), Avg.
3rd Order
7th
5th
Three-carrier CDMA 2000 Performance
VDD = 28 V, IDQ = 900 mA, f = 470 MHz
0
10
20
30
40
50
36
38
40
42
44
46
48
50
Output Power (dBm), Avg.
-60
-55
-50
-45
-40
-35
ACP Low
ACP Up
ALT Up
Efficiency
Output Power (at 1 dB Compression)
vs. Supply Voltage
IDQ = 900 mA, f = 470 MHz
50
51
52
53
54
55
24
26
28
30
32
Supply Voltage (V)
Gain & Efficiency vs. Output Power
VDD = 28 V, IDQ = 900 mA, f = 470 MHz
16
17
18
19
20
21
22
23
39
41
43
45
47
49
51
53
55
Output Power (dBm)
0
10
20
30
40
50
60
70
80
Efficiency
Gain
Typical Performance (cont.)


Similar Part No. - PTF041501F

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PTF01-152A-102B1 BOURNS-PTF01-152A-102B1 Datasheet
204Kb / 3P
   Panel Control
logo
celduc-relais
PTF01070 CELDUC-PTF01070 Datasheet
481Kb / 2P
   Level sensor
logo
Omron Electronics LLC
PTF08 OMRON-PTF08 Datasheet
300Kb / 13P
   General Purpose Relay
logo
Infineon Technologies A...
PTF080101 INFINEON-PTF080101 Datasheet
64Kb / 4P
   LDMOS RF POWER FIELD EFFECT TRANSISTOR 10W, 860-960MHZ
2004-03-08
PTF080101M INFINEON-PTF080101M Datasheet
258Kb / 8P
   High Power RF LDMOS Field Effect Transistor 10 W, 450 ??960 MHz
Rev. 02.1, 2009-02-18
More results

Similar Description - PTF041501F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA081501E INFINEON-PTFA081501E Datasheet
258Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 864-900 MHz
Rev. 03, 2007-03-09
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
logo
Cree, Inc
PTVA035002EV CREE-PTVA035002EV Datasheet
462Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
logo
Infineon Technologies A...
PTVA035002EV INFINEON-PTVA035002EV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 500 W, 50 V, 390 ??450 MHz
Rev. 05.2, 2016-06-08
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com