Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF191601E Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # PTF191601E
Description  Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF191601E Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button PTF191601E Datasheet HTML 2Page - Infineon Technologies AG PTF191601E Datasheet HTML 3Page - Infineon Technologies AG PTF191601E Datasheet HTML 4Page - Infineon Technologies AG PTF191601E Datasheet HTML 5Page - Infineon Technologies AG PTF191601E Datasheet HTML 6Page - Infineon Technologies AG PTF191601E Datasheet HTML 7Page - Infineon Technologies AG PTF191601E Datasheet HTML 8Page - Infineon Technologies AG PTF191601E Datasheet HTML 9Page - Infineon Technologies AG PTF191601E Datasheet HTML 10Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet
9 of 10
2004-09-16
PTF191601E
PTF191601F
Package Outline Specifications (cont.)
Package 31260
Diagram Notes:
1.
Lead thickness: 0.10 +0.051/–0.025 [.004 +.002/–.001].
2.
All tolerances ± 0.127 [.005] unless specified otherwise.
3.
Pins: D = drain, S = source, G = gate.
4.
Interpret dimensions and tolerances per ASME Y14.5M-1994.
5.
Primary dimensions are mm. Alternate dimensions are inches.
Find the latest and most complete information about products and packaging at the Infineon Internet page
http://www.infineon.com/products
260-cases_31260
SPH 1.57
[.062]
1 .02
[.040]
23.37±0.51
[.920±.020]
2X 12.70
[.500]
45° X 2.031
[.080]
D
G
S
-A-
4.11±0.38
[.162±.015]
22.35±0.23
[.880±.009]
23.11
[.910]
13.72
[.540]
2x 4.83±0.50
[.190±.020]
[.520 +.004 ]
–.006
.
LID 13.21+0.10
–0.15
0 .038 [.0015]


Similar Part No. - PTF191601E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTF191601E INFINEON-PTF191601E Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
More results

Similar Description - PTF191601E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFB192503EL INFINEON-PTFB192503EL Datasheet
673Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Rev. 09, 2010-11-09
PTFA190451E INFINEON-PTFA190451E Datasheet
375Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
logo
Infineon Technologies A...
PTF191601 INFINEON-PTF191601 Datasheet
61Kb / 4P
   LDMOS RF Power Field Effect Transistor 160 W, 1930-1990 MHz
2004-03-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com