Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTF240101S Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTF240101S
Description  Thermally-Enhanced High Power RF LDMOS FET 10 W, 2400-2700 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTF240101S Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTF240101S Datasheet HTML 1Page - Infineon Technologies AG PTF240101S Datasheet HTML 2Page - Infineon Technologies AG PTF240101S Datasheet HTML 3Page - Infineon Technologies AG PTF240101S Datasheet HTML 4Page - Infineon Technologies AG PTF240101S Datasheet HTML 5Page - Infineon Technologies AG PTF240101S Datasheet HTML 6Page - Infineon Technologies AG PTF240101S Datasheet HTML 7Page - Infineon Technologies AG PTF240101S Datasheet HTML 8Page - Infineon Technologies AG PTF240101S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PTF240101S
Data Sheet
5 of 12
Rev. 05, 2007-04-12
Data Sheet
5 of 12
Rev. 05, 2007-04-12
CDMA2000 Reference Circuit
Reference Circuit Schematic for ƒ = 2650 MHz
240101s_sch
R3
2K V
R4
2K V
C3
0.001µF
C2
0.001µF
BCP56
R2
1.3KV
R1
1.2KV
LM7805
C1
0.001µF
VDD
QQ1
Q1
R5
10V
C7
4.7pF
C6
10pF
0.5pF
l
3
1.4pF
C8
l
1
l
2
C9
4.7pF
l
4
C10
C11
0.6pF
l
5
R6
5.1K
C5
10 µF
35V
C4
0.1µF
R7
5.1K V
DUT
l
8
l
6
l
7
l
9
l
11
4.7pF
0.4pF
0.5pF
C15
C14
l
12
C16
l
13
4.7pF
C12
R8
10V
l
10
C13
100µF
50V
VDD
RF_IN
RF_OUT
Circuit Assembly Information
DUT
PTF240101S
LDMOS Transistor
Circuit Board
0.76 mm [0.030"] thick,
εr = 4.5
Rogers TMM4, 2 oz. Copper
Microstrip
Electrical Characteristics at 2650 MHz
Dimensions: L x W (mm)
Dimensions: L x W (in.)
l
1
0.043
λ, 50.0 Ω
2.67 x 1.35
0.105 x 0.053
l
2
0.119
λ, 50.0 Ω
7.37 x 1.35
0.290 x 0.053
l
3
0.173
λ, 50.0 Ω
10.67 x 1.35
0.420 x 0.053
l
4
0.114
λ, 50.0 Ω
7.06 x 1.35
0.278 x 0.053
l
5
0.030
λ, 50.0 Ω
1.83 x 1.35
0.072 x 0.053
l
6
0.019
λ, 13.3 Ω
1.09 x 8.81
0.043 x 0.347
l
7
0.278
λ, 75.0 Ω
17.60 x 0.69
0.693 x 0.027
l
8
0.038
λ, 13.3 Ω
2.18 x 8.81
0.086 x 0.347
l
9
0.027
λ, 13.3 Ω
1.52 x 8.81
0.060 x 0.347
l
10
0.327
λ, 75.0 Ω
20.73 x 0.69
0.816 x 0.027
l
11
0.086
λ, 13.3 Ω
4.83 x 8.81
0.190 x 0.347
l
12
0.177
λ, 50.0 Ω
10.92 x 1.35
0.430 x 0.053
l
13
0.217
λ, 50.0 Ω
13.41 x 1.35
0.528 x 0.053


Similar Part No. - PTF240101S

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
PTF2 LSTD-PTF2 Datasheet
613Kb / 2P
   Strong Lead Attachment
logo
Tyco Electronics
PTF20024 MACOM-PTF20024 Datasheet
199Kb / 3P
   Miniature Power Relay
PTF20024 MACOM-PTF20024 Datasheet
261Kb / 3P
   Miniature Power Relay PTF
PTF20524 MACOM-PTF20524 Datasheet
199Kb / 3P
   Miniature Power Relay
PTF20524 MACOM-PTF20524 Datasheet
261Kb / 3P
   Miniature Power Relay PTF
More results

Similar Description - PTF240101S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA260851E INFINEON-PTFA260851E Datasheet
398Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 85 W, 2500 ??2700 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PTAC240502FC CREE-PTAC240502FC Datasheet
606Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PXAC241702FC INFINEON-PXAC241702FC Datasheet
1Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
Rev. 02.1, 2016-06-22
logo
Cree, Inc
PXAC241002FC CREE-PXAC241002FC Datasheet
279Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 28 V, 2300 ??2400 MHz
logo
WOLFSPEED, INC.
PTAC240502FC_V1 WOLFSPEED-PTAC240502FC_V1 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 – 2400 MHz
Rev. 05, 2023-06-28
logo
Infineon Technologies A...
PTAC240502FC INFINEON-PTAC240502FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 50 W, 28 V, 2300 ??2400 MHz
Rev. 02.3, 2016-06-21
logo
Cree, Inc
PXAC241702FC CREE-PXAC241702FC Datasheet
577Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2300 ??2400 MHz
logo
Infineon Technologies A...
PTF080101S INFINEON-PTF080101S Datasheet
172Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 10 W, 860 - 960 MHz
2004-10-05
PTFA261702E INFINEON-PTFA261702E Datasheet
372Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 170 W, 2500 - 2700 MHz
Rev. 01.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com