Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA081501F Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFA081501F
Description  Thermally-Enhanced High Power RF LDMOS FETs 150 W, 864-900 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA081501F Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFA081501F Datasheet HTML 1Page - Infineon Technologies AG PTFA081501F Datasheet HTML 2Page - Infineon Technologies AG PTFA081501F Datasheet HTML 3Page - Infineon Technologies AG PTFA081501F Datasheet HTML 4Page - Infineon Technologies AG PTFA081501F Datasheet HTML 5Page - Infineon Technologies AG PTFA081501F Datasheet HTML 6Page - Infineon Technologies AG PTFA081501F Datasheet HTML 7Page - Infineon Technologies AG PTFA081501F Datasheet HTML 8Page - Infineon Technologies AG PTFA081501F Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
1 of 10
Rev. 03, 2007-03-09
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
PTFA081501E
PTFA081501F
Description
The PTFA081501E and PTFA081501F are thermally-enhanced,
150-watt, internally matched GOLDMOS® FETs intended for ultra-
linear applications. They are characaterized for CDMA and
CDMA2000 operation from 864 to 900 MHz. Thermally-enhanced
packages provide the coolest operation available. Full gold
metallization ensures excellent device lifetime and reliability.
PTFA081501E
Package H-30248-2
Thermally-Enhanced High Power RF LDMOS FETs
150 W, 864 – 900 MHz
IS-95 CDMA Performance
VDD = 28 V, IDQ = 950 mA, ƒ = 900 MHz
0
10
20
30
40
50
32
34
36
38
40
42
44
46
48
Output Power (dBm), Avg.
-80
-70
-60
-50
-40
-30
TCASE = 25°C
TCASE = 90°C
Efficiency
Alt1 1.98 MHz
Adj 750 kHz
RF Characteristics
CDMA2000 3-Carrier Measurements (not subject to production test—verified by design/characterization in Infineon test
fixture)
VDD = 28 V, IDQ = 950 mA, POUT = 35 W average, ƒ = 900 MHz
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18
dB
Drain Efficiency
ηD
34
%
Adjacent Channel Power Ratio
ACPR
–50
dBc
PTFA081501F
Package H-31248-2
Features
• Thermally-enhanced packages, Pb-free and
RoHS-compliant
• Broadband internal matching
• Typical CDMA2000 performance at 900 MHz, 28 V
- Average output power = 35 W
- Linear Gain = 18 dB
- Efficiency = 34%
- Adjacent channel power = –50 dBc
• Typical CW performance, 900 MHz, 28 V
- Output power at P–1dB = 165 W
- Efficiency = 62%
• Integrated ESD protection: Human Body Model,
Class 2 (minimum)
• Excellent thermal stability, low HCI drift
• Capable of handling 10:1 VSWR @ 28 V,
170 W (CW) output power
*See Infineon distributor for future availability.


Similar Part No. - PTFA081501F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA080551E INFINEON-PTFA080551E Datasheet
233Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 55 W, 869 ??960 MHz
Rev. 03, 2008-10-22
PTFA080551E INFINEON-PTFA080551E Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EV4R0 INFINEON-PTFA080551EV4R0 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA080551EV4R0XTMA1 INFINEON-PTFA080551EV4R0XTMA1 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
More results

Similar Description - PTFA081501F

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA041501GL INFINEON-PTFA041501GL_09 Datasheet
502Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420-500 MHz
Rev. 03, 2009-04-21
PTFB211503EL INFINEON-PTFB211503EL Datasheet
734Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07
PTFB211501E INFINEON-PTFB211501E Datasheet
362Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19
PTFA041501E INFINEON-PTFA041501E Datasheet
437Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20
PTFA041501GL INFINEON-PTFA041501GL Datasheet
424Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21
PTF041501E INFINEON-PTF041501E Datasheet
245Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFB182503EFL INFINEON-PTFB182503EFL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFA080551EF INFINEON-PTFA080551EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16
PTFA091201EF INFINEON-PTFA091201EF Datasheet
8Mb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.1, 20016-06-2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com