Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EPE6009S Datasheet(PDF) 1 Page - PCA ELECTRONICS INC.

Part # EPE6009S
Description  10Base-T Interface Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPE6009S Datasheet(HTML) 1 Page - PCA ELECTRONICS INC.

  EPE6009S Datasheet HTML 1Page - PCA ELECTRONICS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
E L E C T R O N I C S I N C .
10Base-T Interface Module
Isolation Transformer
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• Optimized for Level One LXT915
• Four Receiver Channel in one small Outline Package
• Robust design allows for toughest soldering processes
• Complies with or exceeds IEEE802.3, 10Base- T Requirements
Schematic
EPE6009S
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Package
Electrical Parameters @ 25° C
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSE6009S
Rev. 1
5/6/03
.050
(1.27)
.018/.022
(.457/.559)
.220
(5.59)
.010/.015
(.254/.381)
.360
(9.14)
0°-8°
.035
(.889)
.008/.012
(.203/.305)
PCA
EPE6009S
Date Code
.450
(11.43)
.250
(6.35)
.050
(1.27)
.350
(8.89)
Solder Pad
Layout
.400
(10.16)
.050
(1.27)
.030
(.762)
.055
(1.40)
Pin 1
I.D.
Hipot
(Vrms)
1500
DCR
(
Ω Max.)
0.350
10
Interwinding Capitance
(pF Max.)
@ 100 KHz, 0.1Vrms
.15 @Pri.
@ 100 KHz, 0.1Vrms
Leakage Inductance
(µH Min.)
Secondary Inductance
(µH Min.)
@ 100 KHz, 0.1Vrms
200
15
16
2
1
13
14
4
3
11
12
6
5
9
10
8
7
Pri.
Sec.
Pri.
Sec.
Pri.
Sec.
Pri.
Sec.
1:1
1:1
1:1
1:1


Similar Part No. - EPE6009S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPE6009S PCA-EPE6009S Datasheet
3Mb / 91P
   10Base-T Interface Module with Enhanced Common Mode Attenuation
More results

Similar Description - EPE6009S

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPA2214B PCA-EPA2214B Datasheet
27Kb / 1P
   10Base-T Interface Module
EPE6334G PCA-EPE6334G Datasheet
153Kb / 1P
   10Base-T Interface Module
EPE6381 PCA-EPE6381_09 Datasheet
62Kb / 1P
   10Base-T Interface Module
EPE6079 PCA-EPE6079 Datasheet
189Kb / 1P
   10Base-T Interface Module
EPE6372S PCA-EPE6372S Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6376S PCA-EPE6376S_09 Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA2013D PCA-EPA2013D Datasheet
26Kb / 1P
   10Base-T Interface Module
EPE6010S PCA-EPE6010S Datasheet
60Kb / 1P
   10Base-T Interface Module
EPE6394 PCA-EPE6394 Datasheet
21Kb / 1P
   10Base-T Interface Module
EPE6166AS PCA-EPE6166AS Datasheet
70Kb / 1P
   10Base-T Interface Module
EPA1533AG PCA-EPA1533AG Datasheet
147Kb / 2P
   10Base-T Interface Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com