Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUX98A Datasheet(PDF) 2 Page - Seme LAB

Part # BUX98A
Description  HIGH VOLTAGE FAST SWITCHING
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

BUX98A Datasheet(HTML) 2 Page - Seme LAB

  BUX98A Datasheet HTML 1Page - Seme LAB BUX98A Datasheet HTML 2Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VCEO(sus)*
VCER(sus)*
VCE(sat)*
ICER
ICES
ICEO
IEBO
ton
ts
tf
ton
ts
tf
Prelim.9/00
BUX98A
BUX98A
Semelab plc. Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
IC = 200mA
IC = 1A
L = 2mH
IC = 20A
IB = 4A
IC = 16A
IB = 3.2A
IC = 24A
IB = 5A
IC = 20A
IB = 4A
IC = 16A
IB = 3.2A
VCE = VCES
RBE = 10W
Tcase = 125°C
VCE = VCES
VBE = 0
Tcase = 125°C
VCES = VCEO
IC = 0
VEB = 5V
IC = 0
VCC = 150V
IC = 20A
IB1 = IB2 = 4A
VCC = 150V
IC = 16A
IB1 = IB2 = 3.2A
Collector - Emitter
Sustaining Voltage
Collector - Emitter
Sustaining Voltage
Collector – Emitter
Saturation Voltage
Collector Cutoff Current
Collector Cutoff Current
Collector Cutoff Current
Emitter Cutoff Current
Turn–On Time
Storage Time
Fall Time
Turn–On Time
Storage Time
Fall Time
400
450
850
1000
1.5
1.5
5
1.6
1.6
1
8
400
4
2
2
1
3
0.8
1
3
0.8
V
mA
mA
mA
mA
mA
mA
mA
mA
ELECTRICAL CHARACTERISTICS (Tcase = 25°C unless otherwise stated)
THERMAL CHARACTERISTICS
Rth j-case
Thermal Resistance Junction to Case
0.7max °C/W
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
BUX98
BUX98A
* Pulsed: Pulse duration
= 300ms,duty cycle =1.5%


Similar Part No. - BUX98A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUX98A STMICROELECTRONICS-BUX98A Datasheet
63Kb / 4P
   HIGH POWER NPN SILICON TRANSISTORS
logo
Savantic, Inc.
BUX98A SAVANTIC-BUX98A Datasheet
112Kb / 3P
   Silicon NPN Power Transistors
logo
STMicroelectronics
BUX98A STMICROELECTRONICS-BUX98A Datasheet
302Kb / 11P
   High power NPN transistor
logo
New Jersey Semi-Conduct...
BUX98A NJSEMI-BUX98A Datasheet
97Kb / 3P
   HIGH POWER NPN SILICON TRANSISTORS
logo
American Microsemicondu...
BUX98A AMMSEMI-BUX98A Datasheet
939Kb / 3P
   High Power NPN Transistor
More results

Similar Description - BUX98A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULD742C STMICROELECTRONICS-BULD742C Datasheet
316Kb / 12P
   High voltage fast-switching
BUL742CFP STMICROELECTRONICS-BUL742CFP Datasheet
249Kb / 11P
   High voltage fast-switching
logo
Comset Semiconductor
BUX98 COMSET-BUX98_12 Datasheet
79Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
logo
SemiWell Semiconductor
SBP13005-S SEMIWELL-SBP13005-S Datasheet
160Kb / 4P
   High Voltage Fast Switching NPN
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F_05 Datasheet
143Kb / 6P
   High Voltage Fast Switching Transistor
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G_14 Datasheet
206Kb / 5P
   High Voltage Fast Switching Diode
logo
Fairchild Semiconductor
FJP5554 FAIRCHILD-FJP5554 Datasheet
172Kb / 6P
   High Voltage Fast Switching Transistor
FJD5304D FAIRCHILD-FJD5304D_10 Datasheet
231Kb / 6P
   High Voltage Fast Switching Transistor
logo
SemiWell Semiconductor
SBP13005-O SEMIWELL-SBP13005-O Datasheet
160Kb / 4P
   High Voltage Fast Switching NPN
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com