Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70MDS Datasheet(PDF) 1 Page - Naina Semiconductor ltd.

Part # 70MDS
Description  Three - Phase Bridge Rectifier Excellent power volume ratio
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAINA [Naina Semiconductor ltd.]
Direct Link  http://www.nainasemi.com
Logo NAINA - Naina Semiconductor ltd.

70MDS Datasheet(HTML) 1 Page - Naina Semiconductor ltd.

  70MDS Datasheet HTML 1Page - Naina Semiconductor ltd. 70MDS Datasheet HTML 2Page - Naina Semiconductor ltd. 70MDS Datasheet HTML 3Page - Naina Semiconductor ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Naina Semiconductor Ltd.
70 MDS
1
D-95, Sector 63, Noida – 201301, India
Tel: 0120-4205450
• Fax: 0120-4273653
sales@nainasemi.com
www.nainasemi.com
Three – Phase Bridge Rectifier
Features
Easy connections
Excellent power volume ratio
Insulated type
MDS
Voltage Ratings (TJ = 25
0C unless otherwise noted)
Type
number
Voltage
code
VRRM, Max.
repetitive
peak reverse
voltage
(V)
VRSM, Max.
non-
repetitive
peak reverse
voltage
(V)
IRRM
max @
TJ max
(mA)
70 MDS
80
800
900
10
100
1000
1100
120
1200
1300
140
1400
1500
160
1600
1700
Thermal and Mechanical Specifications (TA = 250C unless otherwise noted)
Parameters
Symbol
Values
Units
Maximum operating junction temperature range
TJ
- 40 to + 150
0C
Maximum storage temperature range
TStg
- 40 to + 150
0C
Maximum thermal
resistance, junction to case
DC operation per module
Rth(JC)
0.29
0C/W
DC operation per junction
1.75
120 Rect conduction angle per module
0.34
120 Rect conduction angle per junction
2.01
Maximum thermal
resistance, case to heatsink
Per module, Mounting surface smooth, flat and
greased
Rth(CS)
0.03
0C/W
Mounting torque ±10%
to heatsink
T
4 to 6
Nm
to terminal
3 to 4
Approximate weight
176
g


Similar Part No. - 70MDS

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
70M-IAC15 GRAYHILL-70M-IAC15 Datasheet
117Kb / 2P
   AC Input Modules
70M-IAC15A GRAYHILL-70M-IAC15A Datasheet
117Kb / 2P
   AC Input Modules
70M-IAC24 GRAYHILL-70M-IAC24 Datasheet
117Kb / 2P
   AC Input Modules
70M-IAC24A GRAYHILL-70M-IAC24A Datasheet
117Kb / 2P
   AC Input Modules
70M-IAC5 GRAYHILL-70M-IAC5 Datasheet
117Kb / 2P
   AC Input Modules
More results

Similar Description - 70MDS

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
60MDS NAINA-60MDS Datasheet
491Kb / 3P
   Three - Phase Bridge Rectifier Excellent power volume ratio
130MDS NAINA-130MDS Datasheet
492Kb / 3P
   Three - Phase Bridge Rectifier Excellent power volume ratio
90MDS NAINA-90MDS Datasheet
491Kb / 3P
   Three - Phase Bridge Rectifier Excellent power volume ratio
160MDS NAINA-160MDS Datasheet
503Kb / 3P
   Three - Phase Bridge Rectifier Excellent power volume ratio
110MDS NAINA-110MDS Datasheet
544Kb / 3P
   Three - Phase Bridge Rectifier Excellent power volume ratio
logo
DIYI Electronic Technol...
M52 DYELEC-M52 Datasheet
868Kb / 2P
   Excellent power volume ratio
M22 DYELEC-M22 Datasheet
1,008Kb / 2P
   Excellent power volume ratio
logo
IXYS Corporation
VUC25-12GO2 IXYS-VUC25-12GO2 Datasheet
43Kb / 2P
   Three Phase Rectifier Bridge
VUO34-08NO1 IXYS-VUO34-08NO1 Datasheet
51Kb / 2P
   Three Phase Rectifier Bridge
VUO50 IXYS-VUO50 Datasheet
73Kb / 2P
   Three Phase Rectifier Bridge
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com