Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA182001E Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFA182001E
Description  Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA182001E Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFA182001E Datasheet HTML 1Page - Infineon Technologies AG PTFA182001E Datasheet HTML 2Page - Infineon Technologies AG PTFA182001E Datasheet HTML 3Page - Infineon Technologies AG PTFA182001E Datasheet HTML 4Page - Infineon Technologies AG PTFA182001E Datasheet HTML 5Page - Infineon Technologies AG PTFA182001E Datasheet HTML 6Page - Infineon Technologies AG PTFA182001E Datasheet HTML 7Page - Infineon Technologies AG PTFA182001E Datasheet HTML 8Page - Infineon Technologies AG PTFA182001E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet
4 of 10
Rev. 01, 2008-03-12
PTFA182001E
Confidential, Limited Internal Distribution
EDGE Modulation Spectrum Performance
VDD = 30 V, IDQ = 1600 mA, ƒ = 1879.8 MHz
-90
-80
-70
-60
-50
-40
34
36
38
40
42
44
46
48
50
52
Output Power (dBm)
0
10
20
30
40
50
Efficiency
400 kHz
600 kHz
Output Peak-to-Average Ratio Compression
(PARC) at various Power levels
VDD = 30 V, IDQ = 1600 mA, ƒ = 1880 MHz,
single-carrier WCDMA input PAR = 7.5 dB
0.001
0.01
0.1
1
10
100
1
2
3
4
5
6
7
8
Peak-to-Average (dB)
Input
46.0 dBm
48.0 dBm
50.0 dBm
50.5 dBm
52.0 dBm
EDGE Modulation Spectrum Performance
VDD = 30 V, IDQ = 1600 mA, ƒ = 1836.6 MHz
-90
-80
-70
-60
-50
-40
34
36
38
40
42
44
46
48
50
52
Output Power, avg. (dBm)
0
10
20
30
40
50
Efficiency
400 kHz
600 kHz
Typical Performance (cont.)
EDGE EVM Performance
VDD = 30 V, IDQ = 1600 mA, ƒ = 1836.6 MHz
0
1
2
3
4
5
34
36
38
40
42
44
46
48
50
52
Output Power, avg. (dBm)
0
10
20
30
40
50
EVM
Efficiency


Similar Part No. - PTFA182001E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EF INFINEON-PTFA180701EF Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EV4R0 INFINEON-PTFA180701EV4R0 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
PTFA180701EV4R0XTMA1 INFINEON-PTFA180701EV4R0XTMA1 Datasheet
4Mb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21
More results

Similar Description - PTFA182001E

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXAD184218FV INFINEON-PXAD184218FV Datasheet
339Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
logo
Cree, Inc
PXFE181507FC CREE-PXFE181507FC Datasheet
550Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PXFC193808SV INFINEON-PXFC193808SV Datasheet
196Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com