Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA211801E Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # PTFA211801E
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211801E Datasheet(HTML) 5 Page - Infineon Technologies AG

  PTFA211801E_11 Datasheet HTML 1Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 2Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 3Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 4Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 5Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 6Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 7Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 8Page - Infineon Technologies AG PTFA211801E_11 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
PTFA211801E
Confidential, Limited Internal Distribution
Data Sheet
5 of 9
Rev. 06, 2011-01-11
0.1
0.3
0.2
0.4
0.35
0.40
Nornalized to 50 Ohms
a211801ef
ga211801ef Apr. 5, 2005 3:16:59 PM
Z Load
Z Source
2210 MHz
2210 MHz
2070 MHz
2070 MHz
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
2070
7.2
–0.5
1.5
2.3
2110
7.8
–0.2
1.4
2.6
2140
8.4
–0.0
1.4
2.8
2170
9.1
0.0
1.4
3.0
2210
10.0
–0.2
1.3
3.4
Typical Performance (cont.)
Z0 = 50 W
Z Source
Z Load
G
S
D
0
5
10
15
20
25
30
35
-50
-45
-40
-35
-30
34
36
38
40
42
44
46
48
Average Output Power (dBm)
Single-carrier WCDMA Drive-up
VDD = 28 V, IDQ = 1.2 A, ƒ = 2140 MHz,
3GPP WCDMA signal, TM1 w/16 DPCH, 67%
clipping, PAR = 8.5 dB, 3.84 MHz BW
Efficiency
Gain
ACPR Up
ACPR Low
10
15
20
25
30
35
40
45
-45
-40
-35
-30
-25
-20
-15
-10
23 24 25 26 27 28 29 30 31 32 33
Supply Voltage (V)
Voltage Sweep
IDQ = 1.2 A, ƒ = 2140 MHz, POUT = 51 dBm PEP,
tone spacing = 1 MHz
Gain
Efficiency
IM3 Up


Similar Part No. - PTFA211801E_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
More results

Similar Description - PTFA211801E_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA211001E INFINEON-PTFA211001E Datasheet
223Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com