Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA211801E Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # PTFA211801E
Description  Thermally-Enhanced High Power RF LDMOS FET 180 W, 2110-2170 MHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA211801E Datasheet(HTML) 7 Page - Infineon Technologies AG

  PTFA211801E Datasheet HTML 1Page - Infineon Technologies AG PTFA211801E Datasheet HTML 2Page - Infineon Technologies AG PTFA211801E Datasheet HTML 3Page - Infineon Technologies AG PTFA211801E Datasheet HTML 4Page - Infineon Technologies AG PTFA211801E Datasheet HTML 5Page - Infineon Technologies AG PTFA211801E Datasheet HTML 6Page - Infineon Technologies AG PTFA211801E Datasheet HTML 7Page - Infineon Technologies AG PTFA211801E Datasheet HTML 8Page - Infineon Technologies AG PTFA211801E Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PTFA211801E
Confidential, Limited Internal Distribution
Data Sheet
7 of 9
Rev. 06, 2011-01-11
Reference Circuit (cont.)
Reference circuit assembly diagram (not to scale)*
* Gerber Files for this circuit available on request
A211801ef _assy
10
35V
+
LM
RF_IN
RF_OUT
Circuit Assembly Information
DUT
PTFA211801E
LDMOS Transistor
PCB
0.76 mm [.030"] thick,
er = 4.5
Rogers TMM4
2 oz. copper
Component
Description
Suggested Manufacturer
P/N
C1, C2, C3
Capacitor, 0.001 µF
Digi-Key
PCC1772CT-ND
C4
Tantalum capacitor, 10 µF, 35 V
Digi-Key
PCS6106TR-ND
C5, C6
Capacitor, 0.1 µF
Digi-Key
PCC104BCT
C7
Capacitor, 0.01 µF
ATC
200B103
C8, C12, C16
Ceramic capacitor, 9.1 pF
ATC
100B 9R1
C9
Ceramic capacitor, 0.5 pF
ATC
100B 0R5
C10, C21
Ceramic capacitor, 8.2 pF
ATC
100B 8R2
C11
Ceramic capacitor, 1.5 pF
ATC
100B 1R5
C13, C17
Ceramic capacitor, 0.02 µF
ATC
200B 203
C14, C18
Ceramic capacitor, 1 µF
ATC
920C105
C15, C19
Electrolytic capacitor, 22 µF, 50 V
Digi-Key
PCE3374CT-ND
C20
Ceramic capacitor, 0.3 pF
ATC
100B 0R3
Q1
Transistor
Infineon Technologies
BCP56
QQ1
Voltage regulator
National Semiconductor
LM7805
R1
Chip resistor, 1.2 k W
Digi-Key
P1.2KGCT-ND
R2
Chip resistor, 1.3 k W
Digi-Key
P1.3KGCT-ND
R3
Chip resistor, 2 k W
Digi-Key
P2KECT-ND
R4
Potentiometer, 2 k W
Digi-Key
3224W-202ETR-ND
R5, R9
Chip resistor, 10 W
Digi-Key
P10ECT-ND
R6, R7, R8
Chip resistor, 5.1 k W
Digi-Key
P5.1KECT-ND


Similar Part No. - PTFA211801E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFA211801E INFINEON-PTFA211801E Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
More results

Similar Description - PTFA211801E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA211801E INFINEON-PTFA211801E Datasheet
275Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 04, 2007-11-15
PTFB211803EL INFINEON-PTFB211803EL Datasheet
477Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 180 W, 2110 ??2170 MHz
Rev. 05, 2010-11-10
PTFA210701E INFINEON-PTFA210701E Datasheet
387Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 70 W, 2110 ??2170 MHz
Rev. 02.1, 2009-02-18
PTFA210301E INFINEON-PTFA210301E Datasheet
198Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 30 W, 2110-2170 MHz
Rev. 03, 2008-03-04
logo
Cree, Inc
PTFB211503FL CREE-PTFB211503FL Datasheet
578Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 2110 ??2170 MHz
PTFB212503FL CREE-PTFB212503FL Datasheet
553Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 2110 ??2170 MHz
logo
Infineon Technologies A...
PTFA211001E INFINEON-PTFA211001E Datasheet
223Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 2110-2170 MHz
Rev. 03, 2008-03-04
PTFA212002E INFINEON-PTFA212002E Datasheet
227Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 2110-2170 MHz
Rev. 02, 2005-05-16
PTFB212507SH INFINEON-PTFB212507SH Datasheet
193Kb / 13P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 28 V, 2110 ??2170 MHz
Rev. 03, 2015-10-30
PXFC211507SC INFINEON-PXFC211507SC Datasheet
201Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 150 W, 28 V, 2110 ??2170 MHz
Rev. 02, 2015-03-03
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com