Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BT04 Datasheet(PDF) 2 Page - YENYO TECHNOLOGY Co., Ltd

Part # BT04
Description  4-Quardrant Triacs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

BT04 Datasheet(HTML) 2 Page - YENYO TECHNOLOGY Co., Ltd

  BT04 Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 4Page - YENYO TECHNOLOGY Co., Ltd BT04 Datasheet HTML 5Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BT04
Electrical characteristics (Tj = 25℃, unless otherwise specified)
BT04
Symbol
Test conditions
Quadrant
05
10
25
Unit
IBGTB(1)
I - II – III
IV
MAX.
5
10
10
25
25
70
mA
VBGTB
VBDB = 12V RL=100 ohm
ALL
MAX.
1.5
V
IH B(2)
IT = 100 mA
MAX.
10
15
20
mA
I - III
10
15
20
IL
IG = 1.2 IGT
II-IV
MAX.
15
20
30
mA
Static characteristics
Symbol
Test conditions
Value
Unit
VBTB (2)
ITM = 5A
tp = 380 us
Tj = 25℃
MAX.
1.7
V
Tj = 25℃
5
uA
IBDRMB
IBRRMB
VBDRMB=VBRRM(MAX).
Tj = 125℃
MAX.
1
mA
Note 1 : minimum I
B
GTB is guaranteed at 5% of
I
B
GTB max.
Note 2 : for both polarities of A2 referenced to A1
Thermal resistance
Symbol
Parameter
Conditions
Value
Unit
RBth (j-mb)B
Junction to mounting base
Full cycle
Half cycle
3.0(max.)
3.7(max.)
K/W
RBth (j-a)B
Junction to ambient
In free air
60(typ.)
K/W
Rev.1
2/5


Similar Part No. - BT04

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BT040AACBHB BOLYMIN-BT040AACBHB Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352 BOLYMIN-BT040AACBHB352 Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352a BOLYMIN-BT040AACBHB352a Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352b BOLYMIN-BT040AACBHB352b Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
BT040AACBHB352c BOLYMIN-BT040AACBHB352c Datasheet
225Kb / 1P
   4.0 Color TFT-LCD video module
More results

Similar Description - BT04

ManufacturerPart #DatasheetDescription
logo
YENYO TECHNOLOGY Co., L...
BT08 YENYO-BT08 Datasheet
209Kb / 5P
   4-Quardrant Triacs
logo
Kersemi Electronic Co.,...
Z0409MF KERSEMI-Z0409MF Datasheet
892Kb / 7P
   4 A Triacs
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_V01 Datasheet
491Kb / 15P
   4 A Triacs
November 2016
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
   4 A Triacs
logo
Guangdong Kexin Industr...
KTA1A60-89 KEXIN-KTA1A60-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Tiger Electronic Co.,Lt...
KTA1A60 TGS-KTA1A60 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Guangdong Kexin Industr...
KTA1A60-HF-89 KEXIN-KTA1A60-HF-89 Datasheet
1Mb / 3P
   4 Quadrants Sensitive TRIACS
logo
Littelfuse
LXX04XX LITTELFUSE-LXX04XX Datasheet
715Kb / 10P
   4 Amp Sensitive & Standard Triacs
L6004V3TP LITTELFUSE-L6004V3TP Datasheet
905Kb / 10P
   4 Amp Sensitive & Standard Triacs
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com