Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFA260451E Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFA260451E
Description  Thermally-Enhanced High Power RF LDMOS FET 45 W, 2.62-2.68 GHz
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFA260451E Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFA260451E Datasheet HTML 1Page - Infineon Technologies AG PTFA260451E Datasheet HTML 2Page - Infineon Technologies AG PTFA260451E Datasheet HTML 3Page - Infineon Technologies AG PTFA260451E Datasheet HTML 4Page - Infineon Technologies AG PTFA260451E Datasheet HTML 5Page - Infineon Technologies AG PTFA260451E Datasheet HTML 6Page - Infineon Technologies AG PTFA260451E Datasheet HTML 7Page - Infineon Technologies AG PTFA260451E Datasheet HTML 8Page - Infineon Technologies AG PTFA260451E Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
PTFA260451E
Data Sheet
3 of 10
Rev. 06, 2008-03-04
Typical Performance (data taken in production test fixture)
IS-95 CDMA Performance
VDD = 28 V, IDQ = 500 mA, ƒ = 2680 MHz
0
8
16
24
32
40
48
56
25
30
35
40
45
Output Power (dBm), Avg.
-75
-70
-65
-60
-55
-50
-45
-40
Efficiency
Alt
1 1.98 MHz
Adj 750 kHz
TCASE = 25°C
TCASE = 85°C
3-Carrier CDMA2000 Performance
VDD = 28 V, IDQ= 500 mA, ƒ = 2680 MHz
0
10
20
30
40
50
60
25
30
35
40
45
50
Output Power, Avg. (dBm)
-70
-65
-60
-55
-50
-45
-40
TCASE = 25°C
TCASE = 85°C
Alt_1
2.5 MHz
Adj 2.135 MHz
Efficiency
Gain vs. Output Power
VDD = 28 V, ƒ = 2680 MHz
13
14
15
16
17
25
30
35
40
45
50
Output Power (dBm)
IDQ = 500 mA
IDQ = 650 mA
IDQ = 350 mA
Gain & Efficiency vs. Output Power
VDD = 28 V, IDQ = 500 mA, ƒ = 2680 MHz
10
11
12
13
14
15
16
17
25
30
35
40
45
50
55
Output Power (dBm)
0
10
20
30
40
50
60
70
Gain
Efficiency


Similar Part No. - PTFA260451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA260851E INFINEON-PTFA260851E Datasheet
398Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 85 W, 2500 ??2700 MHz
Rev. 02.1, 2009-02-20
PTFA260851F INFINEON-PTFA260851F Datasheet
398Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 85 W, 2500 ??2700 MHz
Rev. 02.1, 2009-02-20
More results

Similar Description - PTFA260451E

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA261301E INFINEON-PTFA261301E Datasheet
256Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2.62-2.68 GHz
Rev. 07, 2007-04-04
PTFA240451E INFINEON-PTFA240451E Datasheet
197Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 45 W, 2420-2480 MHz
Rev. 04, 2008-03-04
PTFB181702FC INFINEON-PTFB181702FC Datasheet
1,009Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10
PTAB182002FC INFINEON-PTAB182002FC Datasheet
1Mb / 13P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09
PTVA104501EH INFINEON-PTVA104501EH Datasheet
189Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22
PTFA211801E INFINEON-PTFA211801E_15 Datasheet
826Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03
PXFC212551SC INFINEON-PXFC212551SC_15 Datasheet
895Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13
PTAC260302FC INFINEON-PTAC260302FC Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21
PXFC192207NF INFINEON-PXFC192207NF Datasheet
1Mb / 9P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18
PXFC191507FC INFINEON-PXFC191507FC Datasheet
818Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com