Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB082817FH Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB082817FH
Description  Thermally-Enhanced High Power RF LDMOS FET 280 W, 30 V, 791-821 MHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB082817FH Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB082817FH Datasheet HTML 5Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 6Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 7Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 8Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 9Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 10Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 11Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 12Page - Infineon Technologies AG PTFB082817FH Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Data Sheet
10 of 13
Rev. 02, 2010-12-13
PTFB082817FH
Confidential, Limited Internal Distribution
PTFB082817_IN_01
RO4350, .020
C201
C205
C202
C212
C221
C214
C208
C209
C211
C203
C216
C206
C204
C207
C215
C102
C111
C110
R804
R803
R802
R801
R805
R102
C801
C802
C803
C101
C103 C104
C105
C106
C109
R103
C107
C108
R101
S1
S4
C112
S2
C805
PTFB082817_OUT_01
RO4350, .020
(62)
+
+
C237
C222
C217
C218
C219
C220
RF_IN
RF_OUT
VDD
VDD
VDD
b 0 8 2 8 1 7 f h _ C D _ 1 2 - 1 3 - 2 0 1 0
C210
C804
C209
Reference Circuit (cont.)
Circuit Assembly Information
Test Fixture Part No.
LTN/PTFB082817FH
Find Gerber files for this test fixture on the Infineon Web site at http://www.infineon.com/rfpower
Reference circuit assembly diagram (not to scale)


Similar Part No. - PTFB082817FH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB072707FH INFINEON-PTFB072707FH Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
logo
Cree, Inc
PTFB072707FH CREE-PTFB072707FH Datasheet
699Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 270 W, 28 V, 728 ??768 MHz
logo
Infineon Technologies A...
PTFB072707FHV1R0 INFINEON-PTFB072707FHV1R0 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
PTFB072707FHV1R0XTMA1 INFINEON-PTFB072707FHV1R0XTMA1 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
PTFB072707FHV1R250 INFINEON-PTFB072707FHV1R250 Datasheet
917Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-15
More results

Similar Description - PTFB082817FH

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTVA082407NF INFINEON-PTVA082407NF Datasheet
453Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
Rev. 02.5, 2017-07-18
logo
Cree, Inc
PTVA082407NF CREE-PTVA082407NF Datasheet
639Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 ??821 MHz
PTRA084808NF CREE-PTRA084808NF Datasheet
649Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 ??821 MHz
logo
WOLFSPEED, INC.
PTRA084808NF WOLFSPEED-PTRA084808NF Datasheet
881Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FET 550 W, 48 V, 734 – 821 MHz
Rev. 03.4, 2022-1-27
PTVA082407NF WOLFSPEED-PTVA082407NF Datasheet
733Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 48 V, 746 – 821 MHz
Rev. 04.1, 2022-02-13
logo
Infineon Technologies A...
PTFC262808SV INFINEON-PTFC262808SV Datasheet
180Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 02.1, 2013-08-02
PTRA082808NF INFINEON-PTRA082808NF Datasheet
534Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 ??820 MHz
Rev. 04.1, 2018-01-30
PTFC262808FV INFINEON-PTFC262808FV Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
Rev. 03, 2016-06-22
logo
WOLFSPEED, INC.
PTRA082808NF WOLFSPEED-PTRA082808NF Datasheet
677Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 48 V, 790 – 820 MHz
Rev. 06.2, 2022-1-27
logo
Cree, Inc
PTFC262808FV CREE-PTFC262808FV Datasheet
806Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 280 W, 28 V, 2620 ??2690 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com