Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB182503EL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PTFB182503EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182503EL Datasheet(HTML) 1 Page - Infineon Technologies AG

  PTFB182503EL Datasheet HTML 1Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 2Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 3Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 4Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 5Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 6Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 7Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 8Page - Infineon Technologies AG PTFB182503EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
All published data at TCASE = 25°C unless otherwise indicated
ESD: Electrostatic discharge sensitive device—observe handling precautions!
Data Sheet
1 of 12
Rev. 06, 2010-11-09
PTFB182503EL
PTFB182503FL
Confidential, Limited Internal Distribution
5
10
15
20
25
30
35
-55
-50
-45
-40
-35
-30
38
40
42
44
46
48
50
Average Output Power (dBm)
Two-carrier WCDMA Drive-up
VDD = 30 V, IDQ = 1.85 A, ƒ = 1842 MHz, 3GPP
WCDMA signal, PAR = 7.5 dB,
10 MHz carrier spacing
ACPR
IM3
Efficiency
RF Characteristics
Two-carrier WCDMA Specifications (tested in Infineon test fixture)
VDD = 30 V, IDQ = 1.85 A, POUT = 50 W average
ƒ1 = 1840 MHz, ƒ2 = 1845 MHz, 3GPP signal, channel bandwidth = 3.84 MHz , peak/average = 7.5 dB @ 0.01% CCDF
Characteristic
Symbol
Min
Typ
Max
Unit
Gain
Gps
18
19
dB
Drain Efficiency
hD
27
28
%
Intermodulation Distortion
IMD
–35
–31
dBc
Thermally-Enhanced High Power RF LDMOS FETs
240 W, 1805 – 1880 MHz
Description
The PTFB182503EL and PTFB182503FL are 240-watt LDMOS FETs
intended for use in multi-standard cellular power amplifier applications
in the 1805 to 1880 MHz frequency band. Features include input
and output matching, high gain, wide signal bandwidth and reduced
memory effects for improved DPD correctability. Manufactured with
Infineon's advanced LDMOS process, these devices provide excellent
thermal performance and superior reliability.
PTFB182503EL
H-33288-6
Features
• Broadband internal input and output matching
• Enhanced for use in DPD error correction systems
• Typical two-carrier WCDMA performance,
1880 MHz, 30 V
- Average output power = 50 W
- Linear gain = 19 dB
- Drain efficiency = 28 %
- Intermodulation distortion = –35 dBc
• Typical CW performance, 1880 MHz, 30 V
- Output power at P1dB = 240 W
- Efficiency = 55%
• Increased negative gate-source voltage range for
improved performance in Doherty peaking amplifiers
• Integrated ESD protection. Human Body Model,
Class 2 (minimum)
• Capable of handling 10:1 VSWR @ 30 V, 240 W
(CW) output power
• Pb-free, RoHS-compliant
PTFB182503FL
H-34288-4/2


Similar Part No. - PTFB182503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503EL INFINEON-PTFB182503EL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R0 INFINEON-PTFB182503ELV1R0 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R0XTMA1 INFINEON-PTFB182503ELV1R0XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R250 INFINEON-PTFB182503ELV1R250 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503ELV1R250XTMA1 INFINEON-PTFB182503ELV1R250XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results

Similar Description - PTFB182503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com