Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB182503FL Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # PTFB182503FL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182503FL Datasheet(HTML) 4 Page - Infineon Technologies AG

  PTFB182503FL Datasheet HTML 1Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 2Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 3Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 4Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 5Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 6Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 7Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 8Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet
4 of 12
Rev. 06, 2010-11-09
PTFB182503EL
PTFB182503FL
Confidential, Limited Internal Distribution
0.1
0.3
0.2
0.4
Nornalized to 50 Ohms
b182503-v1efl-v1
gb182503eflV1 July 29, 2009 6:57:48 PM
Z Load
1780 2.99 -2
1800 2.95 -2
1820 2.89 -2
1840 2.84 -1
1860 2.8 -1.7
1880 2.78 -1
1900 2.74 -1
1920 2.72 -1
Z Source
1920 MHz
1780 MHz
Z0 = 50 W
10
20
30
40
50
-50
-40
-30
-20
-10
23
25
27
29
31
33
Supply Voltage (V)
Voltage Sweep
IDQ = 1850 mA, ƒ = 1842 MHz, tone spacing =
1 MHz, Output Power (PEP) = 53 dBm
Gain
Efficiency
IM3 Up
15
25
35
45
55
65
14
15
16
17
18
19
0
40
80
120
160
200
240
Output Power (W)
Power Sweep, CW Conditions
VDD = 30 V, IDQ = 1850 mA, ƒ = 1842 MHz
Gain
TCASE = 25°C
TCASE = 90°C
Efficiency
Z Source
Z Load
G
S
D
Broadband Circuit Impedance
Frequency
Z Source W
Z Load W
MHz
R
jX
R
jX
1780
2.99
–2.48
1.33
–0.49
1800
2.95
–2.30
1.33
–0.38
1820
2.89
–2.13
1.31
–0.27
1840
2.84
–1.96
1.29
–0.16
1860
2.80
–1.76
1.29
–0.02
1880
2.78
–1.58
1.28
0.10
1900
2.74
–1.39
1.29
0.23
1920
2.72
–1.21
1.29
0.36
Typical Performance (cont.)


Similar Part No. - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503FL INFINEON-PTFB182503FL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB182503FLV2R0 INFINEON-PTFB182503FLV2R0 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R0XTMA1 INFINEON-PTFB182503FLV2R0XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R250 INFINEON-PTFB182503FLV2R250 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results

Similar Description - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com