Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB182503FL Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # PTFB182503FL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182503FL Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button PTFB182503FL Datasheet HTML 2Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 3Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 4Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 5Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 6Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 7Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 8Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 9Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Data Sheet
6 of 12
Rev. 06, 2010-11-09
PTFB182503EL
PTFB182503FL
Confidential, Limited Internal Distribution
Reference Circuit (cont.)
Description
DUT
PTFB182503EL or PTFB182503FL
PCB
0.76 mm [.030"] thick,
er = 3.48, Rogers 4350, 1 oz. copper
Electrical Characteristics at 1880 MHz
Transmission
Electrical
Dimensions: mm
Dimensions: mils
Line
Characteristics
Input
TL101, TL117
0.022 λ, 78.27 W
W = 0.762, L = 2.159
W = 30, L = 85
TL102
0.035 λ, 51.58 W
W = 1.651, L = 3.358
W = 65, L = 132
TL103
0.050 λ, 9.67 W
W = 13.970, L = 4.445
W = 550, L = 175
TL104
0.031 λ, 51.58 W
W = 1.651, L = 3.018
W = 65, L = 119
TL105
W1 = 13.970, W2 = 0.762, W3 = 13.970,
W1 = 550, W2 = 30, W3 = 550
W4 = 0.762
W4 = 30
TL106, TL107
W = 0.762
W = 30
TL108, TL136
0.010 λ, 68.02 W
W1 = 1.016, W2 = 1.016, W3 = 1.016
W1 = 40, W2 = 40, W3 = 40
TL109, TL110, TL132, 0.010 λ, 78.27 W
W1 = 0.762, W2 = 0.762, W3 = 1.016
W1 = 30, W2 = 30, W3 = 40
TL139
TL111
W1 = 1.651, W2 = 2.032
W1 = 65, W2 = 80
TL112, TL134
0.014 λ, 38.82 W
W = 2.540, L = 1.321
W = 100, L = 52
TL113
0.020 λ, 78.27 W
W = 0.762, L = 2.007
W = 30, L = 79
TL114
0.099 λ, 92.53 W
W = 0.508, L = 9.957
W = 20, L = 392
TL115
0.016 λ, 68.02 W
W = 1.016, L = 1.524
W = 40, L = 60
TL116, TL137
0.017 λ, 78.27 W
W = 0.762, L = 1.727
W = 30, L = 68
TL118, TL119
0.001 λ, 68.02 W
W = 1.016, L = 0.127
W = 40, L = 5
TL120, TL121
0.013 λ, 78.27 W
W = 0.762, L = 1.270
W = 30, L = 50
TL122
0.022 λ, 9.67 W
W = 13.970, L = 1.981
W = 550, L = 78
TL123, TL124
0.007 λ, 68.02 W
W = 1.016, L = 0.686
W = 40, L = 27
TL125, TL126
0.118 λ, 78.27 W
W = 0.762, L = 11.684
W = 30, L = 460
TL127
0.008 λ, 45.17 W
W = 2.032, L = 0.762
W = 80, L = 30
TL128
0.000 λ, 45.17 W
W = 2.032, L = 0.025
W = 80, L = 1
TL129
0.023 λ, 9.67 W
W1 = 13.970, W2 = 13.970, W3 = 2.032
W1 = 550, W2 = 550, W3 = 80
TL130
0.000 λ, 9.67 W
W = 13.970, L = 0.025
W = 550, L = 1
TL131 (taper)
0.028 λ, 9.67 W / 51.58 W
W1 = 13.970, W2 = 1.651, L = 2.515
W1 = 550, W2 = 65, L = 99
TL133
0.050 λ, 9.67 W
W = 13.970, L = 4.470
W = 550, L = 176
TL135
0.015 λ, 68.02 W
W = 1.016, L = 1.514
W = 40, L = 60
TL138
0.010 λ, 78.27 W
W = 0.762, L = 0.991
W = 30, L = 39
table continued on page 7


Similar Part No. - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503FL INFINEON-PTFB182503FL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB182503FLV2R0 INFINEON-PTFB182503FLV2R0 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R0XTMA1 INFINEON-PTFB182503FLV2R0XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R250 INFINEON-PTFB182503FLV2R250 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results

Similar Description - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com