Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB182503FL Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PTFB182503FL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1805-1880 MHz
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB182503FL Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PTFB182503FL Datasheet HTML 4Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 5Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 6Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 7Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 8Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 9Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 10Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 11Page - Infineon Technologies AG PTFB182503FL Datasheet HTML 12Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Data Sheet
10 of 12
Rev. 06, 2010-11-09
PTFB182503EL
PTFB182503FL
Confidential, Limited Internal Distribution
+.254
–.127
+.010
–.005 ]
L
C
D
G
S
CL
19.558±.510
[.770±.020]
27.940
[1.100]
2X 12.700
[.500]
45° X 2.032
[45° X .080]
4X 1.143
[.045] (4 PLS)
9.398
[.370]
9.779
[.385]
34.036
[1.340]
1.016
[.040]
1.575
[.062] (SPH)
22.352±.200
[.880±.008]
4.039
[.159
2X 22.860
[.900]
[.200] (2 PLS)
CL
4.889±.510
[.192±.020]
4X R1.524
[R.060]
2X R1.626
[R.064]
V
E
V
F
4X 30°
H -33288 - 6_ po _02 -18 - 2010
2X 5.080
Package Outline Specifications
Package H-33288-6
Diagram Notes—unless otherwise specified:
1. Interpret dimensions and tolerances per ASME Y14.5M-1994.
2. Primary dimensions are mm. Alternate dimensions are inches.
3. All tolerances ± 0.127 [.005] unless specified otherwise.
4. Pins: G = gate, S = source, D = drain, V = VDD, E, F = N.C.
5. Lead thickness: 0.10 + 0.051/–0.025 mm [.004 +0.002/–0.001 inch].
6. Gold plating thickness: 0.25 micron [10 microinch] max.


Similar Part No. - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB182503FL INFINEON-PTFB182503FL Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFB182503FLV2R0 INFINEON-PTFB182503FLV2R0 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R0XTMA1 INFINEON-PTFB182503FLV2R0XTMA1 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
PTFB182503FLV2R250 INFINEON-PTFB182503FLV2R250 Datasheet
694Kb / 12P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10
More results

Similar Description - PTFB182503FL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA181001GL INFINEON-PTFA181001GL Datasheet
325Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15
PTFA181001E INFINEON-PTFA181001E Datasheet
408Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20
PTFA180701E INFINEON-PTFA180701E Datasheet
368Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 70 W, 1805 ??1880 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB182503FL CREE-PTFB182503FL Datasheet
497Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
PXAC182908FV CREE-PXAC182908FV Datasheet
515Kb / 9P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 28 V, 1805 ??1880 MHz
logo
Infineon Technologies A...
PTFA182001E INFINEON-PTFA182001E Datasheet
260Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12
PTFA181001GL INFINEON-PTFA181001GL_09 Datasheet
412Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FET 100 W, 1805-1880 MHz
Rev. 03, 2009-04-01
PXAC182002FC INFINEON-PXAC182002FC_16 Datasheet
1Mb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17
logo
Cree, Inc
PXAE184408NB CREE-PXAE184408NB Datasheet
1Mb / 6P
   Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
PXAC182002FC CREE-PXAC182002FC Datasheet
495Kb / 8P
   Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com