Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTFB192503EL Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # PTFB192503EL
Description  Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930-1990 MHz
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PTFB192503EL Datasheet(HTML) 3 Page - Infineon Technologies AG

  PTFB192503EL Datasheet HTML 1Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 2Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 3Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 4Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 5Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 6Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 7Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 8Page - Infineon Technologies AG PTFB192503EL Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
PTFB192503EL
PTFB192503FL
Confidential, Limited Internal Distribution
Data Sheet
3 of 15
Rev. 09, 2010-11-09
Typical Performance (data taken in a production test fixture)
-60
-55
-50
-45
-40
-35
-30
-25
33
35
37
39
41
43
45
47
49
Output Power (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 30 V, IDQ = 1.85 A, 3GPP WCDMA,
PAR = 8:1, 10 MHz carrier spacing
BW 3.84 MHz
1990 Lower
1990 Upper
1960 Lower
1960 Upper
1930 Lower
1930 Upper
0
5
10
15
20
25
30
35
40
-60
-55
-50
-45
-40
-35
-30
-25
-20
33
35
37
39
41
43
45
47
49
Output Power (dBm)
Two-carrier WCDMA 3GPP Drive-up
VDD = 30 V, IDQ = 1.85 A, ƒ = 1990 MHz
3GPP WCDMA, PAR = 8:1,
10 MHz carrier spacing, BW 3.84 MHz
Efficiency
IMD Up
IMD Low
ACPR
5
15
25
35
45
55
65
14
15
16
17
18
19
20
38
40
42
44
46
48
50
52
54
Output Power (dBm)
Power Sweep, CW
Gain & Efficiency vs. Output Power
VDD = 30 V, IDQ = 1.85 A, ƒ = 1990 MHz
Efficiency
Gain
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
15
20
25
30
35
40
45
50
55
60
1890
1920
1950
1980
2010
Frequency (MHz)
Two-tone Broadband
Gain, Efficiency & Return Loss
vs. Frequency
VDD = 30 V, IDQ = 1.85 A, POUT = 110 W
Gain
Efficiency
RL
IMD3


Similar Part No. - PTFB192503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFB192503EL INFINEON-PTFB192503EL Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB192503ELV1R0 INFINEON-PTFB192503ELV1R0 Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB192503ELV1R0XTMA1 INFINEON-PTFB192503ELV1R0XTMA1 Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB192503ELV1R250 INFINEON-PTFB192503ELV1R250 Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
PTFB192503ELV1R250XTMA1 INFINEON-PTFB192503ELV1R250XTMA1 Datasheet
737Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs
Rev. 09.1, 2016-06-13
More results

Similar Description - PTFB192503EL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PTFA192401E INFINEON-PTFA192401E Datasheet
431Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 240 W, 1930 ??1990 MHz
Rev. 02, 2009-04-01
PTFB191501E INFINEON-PTFB191501E Datasheet
295Kb / 15P
   Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09
PTFA191001E INFINEON-PTFA191001E Datasheet
256Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1930-1990 MHz
Rev. 04, 2007-10-31
PTFA192001E INFINEON-PTFA192001E Datasheet
285Kb / 11P
   Thermally-Enhanced High Power RF LDMOS FETs 200 W, 1930-1990 MHz
Rev. 05, 2008-05-15
PTFA190451E INFINEON-PTFA190451E Datasheet
375Kb / 10P
   Thermally-Enhanced High Power RF LDMOS FETs 45 W, 1930 - 1990 MHz
Rev. 03.1, 2009-02-20
logo
Cree, Inc
PTFB192503FL CREE-PTFB192503FL Datasheet
531Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 240 W, 1930 ??1990 MHz
logo
Infineon Technologies A...
PTFB193404F INFINEON-PTFB193404F_16 Datasheet
665Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930 ??1990 MHz
Rev. 05.2, 2016-06-14
PTFB193404F INFINEON-PTFB193404F Datasheet
244Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FETs 340 W, 30 V, 1930-1990 MHz
Rev. 04, 2011-02-07
PTF191601F INFINEON-PTF191601F Datasheet
206Kb / 10P
   Thermally-Enhnaced High Power RF LDMOS FETs 160 W, 1930-1990 MHz
2004-09-16
logo
Cree, Inc
PTFB193404F CREE-PTFB193404F Datasheet
610Kb / 14P
   Thermally-Enhanced High Power RF LDMOS FET 340 W, 30 V, 1930 ??1990 MHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com