Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES2A Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # ES2A
Description  Surface Mount Efficient Fast Recovery Rectifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

ES2A Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  ES2A Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd ES2A Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
YENYO
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to + 150
SMB/DO-214AA
ES2A THRU ES2J
Voltage Range 50 to 600 V
Current 2.0 Ampere
Surface Mount Efficient Fast Recovery Rectifier
ES2A
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
ES2B
ES2D
ES2G
ES2J
50
100
200
140
200
600
35
70
420
50
100
600
2.0
5.0
60
0.9
1.25
1.5
20
25
50
100
50
55
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
oCW
nS
400
280
400
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TA=90
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 2.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Maximum Thermal Resistance (Note 3)
Features
Low forward voltage drop
Fast switching for high efficiency
High current capability
Case: Molded plastic SMB/DO-214AA
Glass passivated chip
High surge current capability
Weight: 0.093 gram
Polarity:Color band denotes cathode
method 2026
Mounting position: Any
Terminals: Solderable per MIL-STD-750
Mechanical Data
Low reverse leakage current
R JA
Temperature Range
(1) Reverse recovery test conditions IF = 0.5A, IR = 1.0A, Irr = 0.25A.
(2) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
(3) Thermal Resistance junction to ambient.
Epoxy: UL 94V-0 rate flame retardant
.160(4.06)
.185(4.70)
.006(.152)
.012(.305)
.130(3.30)
.155(3.94)
.075(1.91)
.083(2.11)
.083(2.13)
.096(2.44)
.200(5.08)
.220(5.59)
.030(0.76)
.060(1.52)
.002(.051)
.008(.203)
CHARACTERISTIC
1 / 2
R1, APR-10


Similar Part No. - ES2A

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ES2A FORMOSA-ES2A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Jinan Gude Electronic D...
ES2A JGD-ES2A Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
ES2A YIXIN-ES2A Datasheet
226Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER
logo
Guangdong Kexin Industr...
ES2A KEXIN-ES2A Datasheet
590Kb / 2P
   Rectifier Diodes
logo
Taiwan Semiconductor Co...
ES2A TSC-ES2A Datasheet
56Kb / 2P
   2.0 AMPS. Super Fast Surface Mount Rectifiers
More results

Similar Description - ES2A

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
ES2A GXELECTRONICS-ES2A Datasheet
1Mb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
YENYO TECHNOLOGY Co., L...
EFS1A YENYO-EFS1A Datasheet
663Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES1A YENYO-ES1A Datasheet
792Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS1AB YENYO-EFS1AB Datasheet
709Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3A YENYO-ES3A Datasheet
754Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
MUR140B YENYO-MUR140B Datasheet
786Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
ES3AB YENYO-ES3AB Datasheet
673Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS3A YENYO-EFS3A Datasheet
756Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
EFS2A YENYO-EFS2A Datasheet
665Kb / 2P
   Surface Mount Efficient Fast Recovery Rectifier
logo
Comchip Technology
EF1A COMCHIP-EF1A Datasheet
82Kb / 2P
   Efficient Fast Recovery Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com